Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 4 Page - Microchip Technology

  TC815 Datasheet HTML 1Page - Microchip Technology TC815 Datasheet HTML 2Page - Microchip Technology TC815 Datasheet HTML 3Page - Microchip Technology TC815 Datasheet HTML 4Page - Microchip Technology TC815 Datasheet HTML 5Page - Microchip Technology TC815 Datasheet HTML 6Page - Microchip Technology TC815 Datasheet HTML 7Page - Microchip Technology TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TC815
DS21474B-page 4
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (V+ to V–) ..................................... 15V
Analog Input Voltage (Either Input) ................ V+ to V-
Reference Input Voltage.................................. V+ to V-
Voltage at Pin 45 ........................................GND ±0.7V
Power Dissipation (TA ≤ 70°C)
64-Pin Plastic Flat Package ...........................1.14W
Operating Temperature Range:
Commercial Package (C) .................... 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC815 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VA =9V, TA = +25°C, unless otherwise specified (see Typical Application and Test Circuit Figure).
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Zero Input Reading Input Resistor
-0000
0000
+0000
Digital Reading
200mV Range w/o 10M
Ω Input
-0001
—
+0001
Digital Reading
200mV Range w/10M
Ω Input
-0000
0000
+0000
Digital Reading
20mA and 200mA Range
RE
Rollover Error
—
—
±1 Count
200mV Range w/o 10M
Ω
Input Resistor
—
—
±3
200mV Range w/10M
Ω Input
—
—
±1
20mA and 200mA Range
NL
Linearity Error
—
—
±1
Count
Best Case Straight Line
IIN
Input Leakage Current
—
—
10
pA
EN
Input Noise
—
20
—
µVp-p
BW = 0.1 to 10Hz
AC Frequency Error
—
±1
—
%
40Hz to 500Hz
—
±5
—
%
40Hz to 200Hz
Open Circuit Voltage
—
570
660
mV
Excludes 200
Ω Range
for OHM Measurements
Open Circuit Voltage
—
285
350
mV
Excludes 200
Ω Range
for LO OHM Measurement
VCOM
Analog Common Voltage
2.5
2.6
3.3
V
(V+ -VCOM)
VCTC
Common Voltage Temperature
Coefficient
—
—
50
ppm/°C
Display Multiplex Rate
—
100
—
Hz
VIL
Low Logic Input
—
—
1
V
20mA,AC,I,LOW
Ω,HOLD
Range, -MEM, OHMs
(Relative to DGND Pin 58)
Logic 1 Pull-up Current
—
25
—
µA20mA,AC,I,LOW
Ω,HOLD
Range, -MEM, OHMs
(Relative to DGND Pin 58)
Buzzer Drive Frequency
—
4
—
kHz
Low Battery Flag Voltage
6.3
6.6
7.0
V
VCC to VSSA
Operating Supply Current
—
0.8
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com