Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC815 Datasheet HTML 13Page - Microchip Technology TC815 Datasheet HTML 14Page - Microchip Technology TC815 Datasheet HTML 15Page - Microchip Technology TC815 Datasheet HTML 16Page - Microchip Technology TC815 Datasheet HTML 17Page - Microchip Technology TC815 Datasheet HTML 18Page - Microchip Technology TC815 Datasheet HTML 19Page - Microchip Technology TC815 Datasheet HTML 20Page - Microchip Technology TC815 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21474B-page 17
TC815
8.0
LOW BATTERY DETECTION
CIRCUIT
The TC815 contains a low battery detector. When the
9V battery supply has been depleted to a 7V nominal
value, the LCD display low battery annunciator is
activated.
The low battery detector is shown in Figure 8-1. The
low battery annunciator remains OFF with the battery
supply greater than 0.7V. The annunciator is ON before
the supply battery has reached 6.3V.
FIGURE 8-1:
LOW BATTERY
DETECTOR
9.0
TRIPLEX LIQUID CRYSTAL
DRIVE
The TC815 directly drives a triplexed liquid crystal dis-
play (LCD) using 1/3 bias drive (see Figure 9-1). All
data, decimal point, polarity and function annunciator
drive signals are developed by the TC815. A direct
connection to a triplex LCD display is possible without
external drive electronics. Standard and custom LCD
displays are readily available from LCD manufacturers.
The LCDs must be driven with an AC signal having
zero DC component for long display life. The liquid
crystal polarization is a function of the RMS voltage
appearing across the backplane and segment driver.
The peak drive signal applied to the LCD is: VCC -
VDISP.
If VDISP, for example, is set at a potential 3V below VCC,
the peak drive signal is:
VP =VCC – VDISP =3V
An “OFF” LCD segment has an RMS voltage of Vp/3
across it or 1 volt. An “ON” segment has a 0.63Vp sig-
nal across it or 1.92V for VCC –VDISP =3V.
Since the VDISP pin is available, the user may adjust
the “ON” and “OFF” LCD levels for various manufac-
turer’s displays by changing Vp. The liquid crystal
threshold voltage moves down with temperature.
“OFF” segments may become visible at high LCD oper-
ating temperatures. A voltage with a -5 to -20mV/°C
temperature coefficient can be applied to VDISP to
accommodate the liquid crystal temperature operating
characteristics, if necessary.
The TC815 internally generates two intermediate LCD
drive potentials (VH and VL) from a resistive divider
(Figure 9-1), between VCC (Pin 28) and VDISP (Pin 7).
The ladder impedance is approximately 150k
Ω.This
drive method is commonly known as 1/3 bias. With
VDISP connected to digital ground VP ≈ 5.0V.
The intermediate levels are needed so that drive sig-
nals giving RMS “ON” and “OFF” levels can be gener-
ated. Figure 9-2 shows a typical drive signal and the
resulting wave forms for “ON” and “OFF.” RMS voltage
levels across a selected LCD element. Also, see
Figure 9-3 and Table 9-1.
FIGURE 9-1:
1/3 BIAS LCD DRIVE
9.1
LCD Displays
Although most users will design their own custom LCD
display, several manufacturers offer standard displays
for the TC815. Figure 9-3 shows a typical display avail-
able from Varitronix.
1. Varitronix Ltd.
4/F Liven House, 61-63, King Yip Street
Kwun Tong, Hong Kong
Tel: (852)2389-4317
Part No.: VIM 310-1 Pin Connector
VIM 310-2 Elastomer Connector
USA OFFICE:
VL Electronics/Varitronix
3250 Wilshire Blvd. Suite 1901
Los Angeles, CA 90010
Tel: (213) 738-8700
2. Adamant Kogyo Co., LTD
16-7, Shinden, 1-Chome, Adachi-Ku,
Tokyo, 123, Japan
Tel: Tokyo 919-1171
TC815
Comparator
+
–
VCC
VSSA
Low Battery Detector
R2
R3
To LCD
Annunciator
Selection
Logic
R1
VT
VT
≈ 7 X
= 6.2V
VZ 6.2V
R2
R1 + R2
TC815
VSSA
To Triplex
Segment Drive
Logic
Set VDISP
For Proper VP
with Resistive
Divider
VH
VL
50k
50k
50k
28
VDISP
6
VCC
VP = VCC – VDISP
"OFF" = VP/3 RMS
"ON" =
VP RMS
11
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com