Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 22 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC815 Datasheet HTML 18Page - Microchip Technology TC815 Datasheet HTML 19Page - Microchip Technology TC815 Datasheet HTML 20Page - Microchip Technology TC815 Datasheet HTML 21Page - Microchip Technology TC815 Datasheet HTML 22Page - Microchip Technology TC815 Datasheet HTML 23Page - Microchip Technology TC815 Datasheet HTML 24Page - Microchip Technology TC815 Datasheet HTML 25Page - Microchip Technology TC815 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
TC815
DS21474B-page 22
© 2002 Microchip Technology Inc.
For a 3.1V integrator swing, the value of R
ΩBUF is
easily calculated:
VINT
= Integrator swing = 3.1V
tI
= Integration time = 100msec
CI
= Integration capacitor = 0.1µF
RXMAX
=300
Ω
VX MAX = 700mV
EQUATION 11-3:
FIGURE 11-2:
R
Ω CALCULATION (200Ω
MANUAL OPERATION)
With a low battery voltage of 6.6V, analog common will
be approximately 3.6V above the negative supply ter-
minal. With the integrator swinging down from analog
common toward the negative supply, a 3.1V swing will
set the integrator output to 0.5V above the negative
supply.
11.4
Capacitors - CINT,CAZ and CREF
The integration capacitor, CINT, must have low dielec-
tric absorption. A 0.1µF polypropylene capacitor is sug-
gested. The auto-zero capacitor, CAZ, and reference
capacitor, CREF, should be selected for low leakage
and dielectric absorption. Polystyrene capacitors are
good choices.
11.5
Reference Voltage Adjustment
The TC815 contains a low temperature drift internal
voltage reference. The analog common potential
(Pin 29) is established by this reference. Maximum drift
is a low 75ppm/°C. Analog common is designed to be
approximately 2.6V below VCC (Pin 28). A resistive
divider (R18/R19, Functional Diagram) sets the TC815
reference input voltage (REFHI, Pin 34) to approxi-
mately 163.85mV.
With an input voltage near full scale on the 200mV
range, R19 is adjusted for the proper reading.
11.6
Display Hold Feature
The LCD will not be updated when HOLD (Pin 60) is
connected to GND (Pin 58). Conversions are made, but
the display is not updated. A HOLD mode LCD annun-
ciator is activated when HOLD is low.
The LCD HOLD annunciator is activated through the
triplex LCD driver signal at Pin 13.
11.7
Flat Package Socket
Sockets suitable for prototype work are available. A
USA source is:
• Nepenthe Distribution
2471 East Bayshore, Suite 520
Palo Alto, CA 94303
(415) 856-9332
TWX: 910-373-2060
“CBQ” Socket, Part No. IC51-064-042
11.8
Resistive Ladder Networks
Resistor attenuator networks for voltage and resistance
measurements are available from:
• Caddock Electronics
1717 Chicago Avenue
Riverside, CA 92507
Tel: (714) 788-1700
TWX: 910-332-6108
TABLE 11-2:
RESISTIVE LADDER
NETWORKS
R
ΩBUF =
VXMAX(TI)
CI(VINT)
= 200k
Ω
163.85
Ω
220
Ω
300
Ω
RS ≈ 600Ω
SW33
R1
R2
R3
VX
Analog Common = VCC – 3V
VCC = 9V
Attenuator
Accuracy
Attenuator Type
Caddock
Part Number
0.1%
Voltage
1776-C441
0.25%
Voltage
1776-C44
0.25%
Resistance
T1794-204-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com