Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 1 Page - Microchip Technology

  TC815 Datasheet HTML 1Page - Microchip Technology TC815 Datasheet HTML 2Page - Microchip Technology TC815 Datasheet HTML 3Page - Microchip Technology TC815 Datasheet HTML 4Page - Microchip Technology TC815 Datasheet HTML 5Page - Microchip Technology TC815 Datasheet HTML 6Page - Microchip Technology TC815 Datasheet HTML 7Page - Microchip Technology TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21474B-page 1
TC815
Features
• Auto-Range Operation for AC and DC Voltage
and Resistance Measurements
- Two User Selected AC/DC Current Ranges
20mA and 200mA
• 22 Operating Ranges
- 9 DC/AC Voltage
- 4 AC/DC Current
- 9 Resistance and Low Power Ohms
• Display HOLD Function
• 3-1/2 Digit Resolution in Auto-Range Mode:
- 1/2000
• Extended Resolution in Manual Mode: 1/3000
• Memory Mode for Relative Measurements:
-±5% F.S.
• Internal AC to DC Conversion Op Amp
• Triplex LCD Drive for Decimal Points, Digits
and Annunciators
• Continuity Detection and Piezoelectric
Transducer Driver
• Compact Surface Mounted 64-pin
Plastic Flat Package
• Low Drift Internal Reference: 75ppm/°C
• 9V Battery Operation: 10mW
• Low Battery Detection and LCD Annunciator
Device Selection Table
General Description
The TC815 is a 3-1/2 digit integrating analog-to-digital
converter with triplex LCD display drive and automatic
ranging. A display hold function is on-chip. Input volt-
age/ohm attenuators ranging from 1 to 1/10,000 are
automatically selected. Five full scale ranges are pro-
vided. The CMOS TC815 contains all the logic and
analog switches needed to manufacture an auto-
ranging instrument for ohms and voltage measure-
ments. User selected 20mA and 200mA current ranges
are available. Full scale range and decimal point LCD
annunciators are automatically set in auto-range oper-
ation. Auto-range operation is available during ohms
(high and low power ohms) and voltage (AC and DC)
measurements, eliminating expensive range switches
in hand-held DMM designs. The auto-range feature
may be bypassed allowing decimal point selection and
input attenuator selection control through a single line
input. Expensive rotary switches are not required.
During Manual mode operation, resolution is extended
to 3000 counts full scale. The extended range opera-
tion is indicated by a flashing 1 MSD. The extended
resolution is also available during 200k
Ω and 2000V
full scale auto-range operation.
The Memory mode subtracts a reading, up to ±5% of
full scale from subsequent measurements. Typical
applications involve probe resistance compensation for
resistance measurements, tolerance measurements,
and tare weight measurements.
The TC815 includes an AC to DC converter for
AC measurements. Only external diodes/resistors/
capacitors are required.
A complete LCD annunciator set describes the TC815
meter function and measurement range during ohms,
voltage and current operation. AC measurements are
indicated as well as auto-range operation. A low battery
detection circuit also sets the low battery display
annunciator. The triplex LCD display drive levels may
be set and temperature compensation applied via the
VDISP pin. With HOLD low, the display is not updated.
A HOLD mode LCD annunciator is activated.
The “low ohms” measurement option allows in-circuit
resistance measurements by preventing semiconduc-
tor junctions from being forward biased.
Part Number
Package
Operating
Temperature Range
TC815CBU
64-Pin PQFP
0
°Cto +70°C
3-1/2 Digit Auto-Ranging A/D Converter with
Triplex LCD Drive and Display Hold Function


Similar Part No. - TC815

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CKW TELCOM-TC811CKW Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CPL TELCOM-TC811CPL Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
More results

Similar Description - TC815

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
1998 07
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
January 1998
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Microchip Technology
TC818A MICROCHIP-TC818A Datasheet
583Kb / 24P
Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
2002
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com