Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 5 Page - Microchip Technology

  TC815 Datasheet HTML 1Page - Microchip Technology TC815 Datasheet HTML 2Page - Microchip Technology TC815 Datasheet HTML 3Page - Microchip Technology TC815 Datasheet HTML 4Page - Microchip Technology TC815 Datasheet HTML 5Page - Microchip Technology TC815 Datasheet HTML 6Page - Microchip Technology TC815 Datasheet HTML 7Page - Microchip Technology TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21474B-page 5
TC815
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(64-Pin Plastic)
Quad Flat Package
Symbol
Description
1
NC
Logic Input. “0” (Digital Ground) for resistance measurement.
2OHM
Logic Input. “0” (Digital Ground) for 20mA full scale current measurement.
320mA
Audio frequency, 4kHz, output for continuity indication during resistance measurement.
4
BUZ
Audio frequency, 4kHz, output for continuity indication during resistance measurement. A
non-continuous 4kHz signal is output to indicate an input overrange during voltage or
current measurements.
5
XTAL1
32.768kHz Crystal Connection.
6
XTAL2
32.768kHz Crystal Connection.
7VDISP
Sets peak LCD drive signal: VP -VDD -VDISP.VDISP mayalsobeused tocompensatefor
temperature variation of LCD crystal threshold voltage.
8
BP1
LCD Backplane #1.
9
BP2
LCD Backplane #2.
10
BP3
LCD Backplane #3.
11
LO
Ω/A
LCD Annunciator segment drive for low ohms resistance measurement and current
measurement.
12
Ω/V
LCD Annunciator segment drive for resistance measurement and voltage measurement.
13
k/m/HOLD
LCD Annunciator segment drive for k (“kilo-ohms”), m (“milliamps” and
“millivolts”) and HOLD mode.
14
BCP0
(One’s digit)
LCD segment drive for “b,” “c” segments and decimal point of least significant digit (LSD).
15
ADG0
LCD segment drive for “a,” “g,” “d” segments of LSD.
16
FE0
LCD segment drive for “f” and “e” segments of LSD.
17
NC
No connection.
18
BCP1
LCD segment drive for “b,” “c” segments and decimal point of 2nd LSD.
19
AGD1
LCD segment drive for “a,” “g,” “d” segments of 2nd LSD (Ten’s digit).
20
FE1
LCD segment drive for “f” and “e” segments of 2nd LSD.
21
BCP2
LCD segment drive for “b,” “c” segments and decimal point of 3rd LSD
(Hundred’s digit).
22
AGD2
LCD segment drive for “a,” “g,” “d” segments of 3rd LSD.
23
FE2
LCD segment drive for “b,” “c” segments and decimal point of 3rd LSD.
24
BCP3
LCD segment drive for “b,” “c” segments and decimal point of MSD
(Thousand’s digit).
25
AC/-/AUTO
LCD annunciator drive signal for AC measurements, polarity, and auto-range operation.
26
-MEM/BATT
LCD annunciator drive signal for low battery indication and Memory
(Relative Measurement) mode.
27
VSSD
Negative battery supply connection for internal digital circuits. Connect to negative terminal
of battery.
28
VCC
Positive battery supply connection.
29
ANALOG
COM
Analog circuit ground reference point. Nominally 2.6V below VCC.
30
RMREFH
Ratiometric (Resistance measurement) reference high voltage.
31
RMREFL
Ratiometric (Resistance measurement) reference low voltage.
32
CREFL
Reference capacitor negative terminal CREF 0.1µf.
33
CREFH
Reference capacitor positive terminal CREF 0.1µf.
34
REFHI
Reference voltage for voltage and current measurement; nominally 163.85mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com