Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 2 Page - Microchip Technology

  TC815 Datasheet HTML 1Page - Microchip Technology TC815 Datasheet HTML 2Page - Microchip Technology TC815 Datasheet HTML 3Page - Microchip Technology TC815 Datasheet HTML 4Page - Microchip Technology TC815 Datasheet HTML 5Page - Microchip Technology TC815 Datasheet HTML 6Page - Microchip Technology TC815 Datasheet HTML 7Page - Microchip Technology TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TC815
DS21474B-page 2
© 2002 Microchip Technology Inc.
A continuity buzzer output is activated with inputs less
than 1% of full scale. An overrange input signal also
enables the buzzer, except during resistance measure-
ments, and flashes the MSD display.
Featuring single 9V battery operation, 10mW power
consumption, a precision internal voltage reference
(75ppm/°C max TC) and a compact surface mounted
64-pin quad flat package, the TC815 is ideal for porta-
ble instruments.
Package Type
47
52
51
50
49
64
63
62
58
57
56
55
54
53
60
59
24
25
26
27
28
29
30
18
19
20
21
22
23
32
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
45
44
43
42
41
40
39
38
37
36
35
34
33
48
TC815
16
OHM
20mA
BUZ
FE0
AGD0
BCP0
XTAL1
XTAL2
VDISP
BP1
BP2
BP3
LO
Ω/A
Ω/V
k/m/
HOLD
NC
46
ΩR1
ΩR4
ΩR2
ΩR3
CI
ACVL
II
CREFH
REFHI
VI
VR4
VR5
VR2
VR3
ΩR5
NC
61
31
64-Pin PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com