Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC815 Datasheet HTML 6Page - Microchip Technology TC815 Datasheet HTML 7Page - Microchip Technology TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology TC815 Datasheet HTML 10Page - Microchip Technology TC815 Datasheet HTML 11Page - Microchip Technology TC815 Datasheet HTML 12Page - Microchip Technology TC815 Datasheet HTML 13Page - Microchip Technology TC815 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TC815
DS21474B-page 10
© 2002 Microchip Technology Inc.
3.5
Current Measurement
The TC815 measures current only under manual range
operation. The two user selectable full scale ranges
are: 20mA and 200mA. Select the current Measure-
ment mode by holding the I input (Pin 63) low at digital
ground potential. The OHM input (Pin 2) is left floating
or tied to the positive supply.
Two ranges are possible. The 20mA full scale range is
selected by connecting the 20mA input (Pin 3) to digital
ground. If left floating the 200mA full scale range is
selected.
External current to voltage conversion resistors are
used at the II input (Pin 45). For 20mA measurements
a10
Ω resistor is used. The 200mA range needs a 1Ω
resistor; full scale is 200mV.
PC board trace resistance between analog common
and R16 (see Figure 2-1) must be minimized. In the
200mA range, for example, a 0.05 trace resistance will
cause a 5% current to voltage conversion error at II
(Pin 45).
The extended resolution measurement option operates
during current measurements. To minimize rollover
error the potential difference between ANALOG COM
(Pin 29) and system common must be minimized.
3.6
Measurement Options
(AC to DC Measurements)
In voltage and current measurements, the TC815 can
be configured for AC measurements. An on-chip oper-
ational amplifier and external rectifier components per-
form the AC to DC conversion.
When power is first applied, the TC815 enters the DC
Measurement mode. For AC measurements (current or
voltage), AC/DC (Pin 62) is momentarily brought low to
digital ground potential; the TC815 sets-up for AC mea-
surements and the AC liquid crystal display annuncia-
tor activates. Toggling AC/DC low again will return the
TC815 to DC operation.
If the Manual Operating mode has been selected, tog-
gling AC/DC will reset the TC815 back to the Auto-
Range mode. In Manual mode operation, AC or DC
operation should be selected first and then the desired
range selected.
The minimum AC voltage full scale voltage range is 2V.
The DC full scale minimum voltage is 200mV. AC cur-
rent measurements are available on the 20mA and
100mA full scale current ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com