Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology TC815 Datasheet HTML 10Page - Microchip Technology TC815 Datasheet HTML 11Page - Microchip Technology TC815 Datasheet HTML 12Page - Microchip Technology TC815 Datasheet HTML 13Page - Microchip Technology TC815 Datasheet HTML 14Page - Microchip Technology TC815 Datasheet HTML 15Page - Microchip Technology TC815 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TC815
DS21474B-page 12
© 2002 Microchip Technology Inc.
5.0
MANUAL RANGE SELECTION
The TC815 voltage and resistance auto-ranging fea-
ture can be disabled by momentarily bringing RANGE
(Pin 59) to digital ground potential (Pin 58). When the
change from auto-to-manual ranging occurs, the first
manual range selected is the last range in the Auto-
Ranging mode.
The TC815 power-up circuit selects auto-range opera-
tion initially. Once the manual range option is entered,
range changes are made by momentarily grounding
the RANGE control input. The TC815 remains in the
Manual Range mode until the measurement function
(voltage or resistance), or measurement option (AC/
DC,
Ω/LOΩ) changes. This causes the TC815 to return
to auto-ranging operation.
The “Auto” LCD annunciator driver is active only in the
Auto-Range mode. Table 5-1 shows typical operation,
where the manual range selection option is used. Also
shown is the extended resolution display format.
Also see Figure 5-1 through Figure 5-3.
Note
1: A flashing MSD is shown as a “1”. A flashing MSD indicates the TC815 is over-ranging if all other digits are zero.
2: The first manual range selected is the last range in the Auto-Ranging mode.
3: A flashing MSD with a non-zero display indicates the TC815 has entered the Extended Resolution Operating mode. An
additional 1000 counts of resolution is available. This extended operation is available only in manual operation for voltage,
resistance and current measurements.
4:
= Momentary ground connection.
TABLE 5-1:
MANUAL RANGE OPERATION
Input
DC Volts
AC Volts
Ohm
LO Ohm
23.5V
18.2V
18.2k
Ω
2.35M
Ω
Range
Display
Range
Range
Display
Range
Range
Display
Power-on
Auto-Range
Operation
200mV
“1”00.0V
2V
“1”000V
200
Ω
“1”00.0
Ω
2k
Ω
“1”.000k
Ω
2V
1.000V
20V
18.20V
2k
Ω
“1”.000k
Ω
10k
Ω
“1”.0.00k
Ω
20V
“1”0.00V
—
—
20k
Ω
18.20
Ω
200k
Ω
“1”.00.0k
Ω
200V
23.5V
—
—
—
—
2000k
Ω
“1”350k
Ω
Manual Operation
Input
DC Volts
AC Volts
Ohm
LO Ohm
23.5V
18.2V
18.2k
Ω
2.35M
Ω
# of Range
Changes
(See Note 4
)
Range
Display
Range
Range
Display
Range
Range
Display
1
200V
23.5V
20V
18.20V
20k
Ω
18.20V
2000k
Ω
“1”350k
Ω
2
200mV
“1”00.0V
2V
“1”.000V
200
Ω
“1”00.0
ΩkΩ
2k
Ω
“1”.000k
Ω
3
2V
1.000V
20V
18.20V
2k
Ω
“1”000k
Ω
20k
Ω
“1”0.00k
Ω
4
20V
“1”3.50V
20V
18.2V
20k
Ω
18.20k
Ω
200k
Ω
“1”00.0k
Ω
5
200V
23.5V
600V
19V
200k
Ω
18.2k
Ω
2000k
Ω
“1”350k
Ω
6
1000V
24V
2V
“1”.000V
2000k
Ω
19k
Ω
2k
Ω
“1”.000k
Ω
7
200mV
“1”00.0mV
20V
18.20V
200k
Ω
“1”00.0
Ω
20k
Ω
“1”0.00k
Ω
8
2V
“1”.000V
200V
18.2V
2k
Ω
“1”.000k
Ω
200k
Ω
“1”00.0k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com