Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC815 Datasheet HTML 2Page - Microchip Technology TC815 Datasheet HTML 3Page - Microchip Technology TC815 Datasheet HTML 4Page - Microchip Technology TC815 Datasheet HTML 5Page - Microchip Technology TC815 Datasheet HTML 6Page - Microchip Technology TC815 Datasheet HTML 7Page - Microchip Technology TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology TC815 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TC815
DS21474B-page 6
© 2002 Microchip Technology Inc.
35
ΩR1
Standard resistor connection for 200
Ω full scale.
36
ΩR2
Standard resistor connection for 2000
Ω full scale.
37
ΩR3
Standard resistor connection for 20k
Ω full scale range.
38
ΩR4
Standard resistor connection for 200k
Ω full scale range.
39
ΩR5
Standard resistor connection for 2000k
Ω full scale range.
40
VR3
Voltage measurement ÷ 100 attenuator.
41
VR2
Voltage measurement ÷ 10 attenuator.
42
VR5
Voltage measurement ÷ 10,000 attenuator.
43
VR4
Voltage measurement ÷ 1000 attenuator.
44
VI
Unknown voltage input ÷ 1 attenuator.
45
II
Unknown current input.
46
ACVL
Low output of AC to DC converter.
47
CI
Integrator capacitor connection. Nominally 0.1µf. (Low dielectric absorption. Polypropylene
dielectrics suggested.)
48
NC
No connection.
49
CAZ
Auto-zero capacitor connection; nominally 0.1µf.
50
RX
Unknown resistance input.
51
CFI
Input filter connection.
52
AD1
Negative input of internal AC to DC operational amplifier.
53
AD0
Output of internal AC to DC operational amplifier.
54
R
ΩBUF
Active buffer output for resistance measurement. Integration resistor connection. Integrator
resistor nominally 220k
Ω.
55
RVIBUF
Active buffer output for voltage and current measurement. Integration resistor connection.
Integration resistor nominally 150k
Ω.
56
ACVH
Positive output of AC to DC converter.
57
VSSA
Negative supply connection for analog circuits. Connect to negative terminal of 9V battery.
58
DGND
Internal logic digital ground. The logic “0” level. Nominally 4.7V below VCC.
59
RANGE
Input to set manual operation and change ranges.
60
HOLD
Input to hold display. Connect to DIG GND.
61
-MEM
Input to enter Memory Measurement mode for relative measurements. The two LSD’s are
stored and subtracted from future measurements.
62
DS/AC
Ω/LOWΩ
Input that selects AC or DC option during voltage/current measurements. For resistance
measurements,
Ω/LOWΩ, the ohms or low power (voltage) ohms option can be selected.
63
I
Input to select current measurement. Set to logic “0” (Digital ground) for
current measurement
64
NC
No connection.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(64-Pin Plastic)
Quad Flat Package
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com