Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet(PDF) 23 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC815 Datasheet HTML 18Page - Microchip Technology TC815 Datasheet HTML 19Page - Microchip Technology TC815 Datasheet HTML 20Page - Microchip Technology TC815 Datasheet HTML 21Page - Microchip Technology TC815 Datasheet HTML 22Page - Microchip Technology TC815 Datasheet HTML 23Page - Microchip Technology TC815 Datasheet HTML 24Page - Microchip Technology TC815 Datasheet HTML 25Page - Microchip Technology TC815 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21474B-page 23
TC815
12.0
PACKAGING INFORMATION
12.1
Package Marking Information
Package marking data not available at this time.
12.2
Taping Form
12.3
Package Dimensions
Component Taping Orientation for 64-Pin PQFP Devices
W
User Direction of Feed
PIN 1
Standard Reel Component Orientation
for TR Suffix Device
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
64-Pin PQFP
32 mm
24 mm
250
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
Note: Drawing does not represent total number of pins.
.018 (0.45)
.012 (0.30)
.031 (0.80) TYP.
.555 (14.10)
.547 (13.90)
.555 (14.10)
.547 (13.90)
.687 (17.45)
.667 (16.95)
.687 (17.45)
.667 (16.95)
.010 (0.25) TYP.
.130 (3.30) MAX.
.120 (3.05)
.100 (2.55)
.041 (1.03)
.031 (0.78)
7
° MAX.
.009 (0.23)
.005 (0.13)
PIN 1
64-Pin PQFP
Dimensions: mm (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com