Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7665 Datasheet (PDF) - Intersil Corporation

ICL7665 Datasheet PDF - Intersil Corporation
Part # ICL7665
Download  ICL7665 Download
File Size   86.19 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Micropower Over/Under Voltage Detector

ICL7665 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7665 Datasheet PDF - Intersil Corporation

Part # ICL7665
Download  ICL7665 Click to download

File Size   86.19 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Micropower Over/Under Voltage Detector

ICL7665 Datasheet (HTML) - Intersil Corporation


ICL7665 Product details

The ICL7665S Super CMOS Micropower Over/Under Voltage Detector contains two low power, individually programmable Voltage detectors on a single CMOS chip. Requiring typically 3µA for operation, the device is intended for battery-operated systems and instruments which require high or low voltage warnings, settable trip points, or fault monitoring and correction. The trip points and hysteresis of the two voltage detectors are individually programmed via external resistors. An internal bandgap-type reference provides an accurate threshold voltage while operating from any supply in the 1.6V to 16V range.



Features

• Guaranteed 10µA Maximum Quiescent Current Over Temperature

• Guaranteed Wider Operating Voltage Range Over Entire Operating Temperature Range

• 2% Threshold Accuracy (ICL7665SA)

• Dual Comparator with Precision Internal Reference

• 100ppm/oC Temperature Coefficient of Threshold Voltage

• 100% Tested at 2V

• Output Current Sinking Ability . . . . . . . . . . . . Up to 20mA

• Individually Programmable Upper and Lower Trip Voltages and Hysteresis Levels



Applications

• Pocket Pagers

• Portable Instrumentation

• Charging Systems

• Memory Power Back-Up

• Battery Operated Systems

• Portable Computers

• Level Detectors



 




Similar Part No. - ICL7665

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7665 MAXIM-ICL7665 Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
logo
Intersil Corporation
ICL7665 INTERSIL-ICL7665 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
SYC Electronica
ICL7665 SYC-ICL7665 Datasheet
140Kb / 12P
Microprocessor Voltage Monitor with Dual Over/Undervoltage Detection
logo
Maxim Integrated Produc...
ICL7665AC/D MAXIM-ICL7665AC/D Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
ICL7665ACJA MAXIM-ICL7665ACJA Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
More results


Similar Description - ICL7665

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
3V Under Voltage Detector
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
logo
Microchip Technology
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
Micropower Voltage Detector
04/20/05
logo
Rohm
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
3V Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
CMOS Over Voltage Detector IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com