Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7665 Datasheet (PDF) - SYC Electronica

ICL7665 Datasheet PDF - SYC Electronica
Part # ICL7665
Download  ICL7665 Download
File Size   140.09 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Microprocessor Voltage Monitor with Dual Over/Undervoltage Detection

ICL7665 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7665 Datasheet PDF - SYC Electronica

Part # ICL7665
Download  ICL7665 Click to download

File Size   140.09 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Microprocessor Voltage Monitor with Dual Over/Undervoltage Detection

ICL7665 Datasheet (HTML) - SYC Electronica


ICL7665 Product details

General Description
The ICL7665 warns microprocessors (mPs) of overvoltage
and undervoltage conditions. It draws a typical
operating current of only 3μA. The trip points and hysteresis
of the two voltage detectors are individually programmed
via external resistors to any voltage greater
than 1.3V. The ICL7665 will operate from any supply
voltage in the 1.6V to 16V range, while monitoring voltages
from 1.3V to several hundred volts. The Maxim
ICL7665A is an improved version with a 2%-accurate
VSET1 threshold and guaranteed performance over
temperature.
The 3μA quiescent current of the ICL7665 makes it
ideal for voltage monitoring in battery-powered systems.
In both battery- and line-powered systems, the
unique combination of a reference, two comparators,
and hysteresis outputs reduces the size and component
count of many circuits.

Features
© μP Over/Undervoltage Warning
© Improved Second Source
© Dual Comparator with Precision Internal Reference
© 3μA Operating Current
© 2% Threshold Accuracy (ICL7665A)
© 1.6V to 16V Supply Voltage Range
© On-Board Hysteresis Outputs
© Externally Programmable Trip Points
© Monolithic, Low-Power CMOS Design




Similar Part No. - ICL7665

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665 INTERSIL-ICL7665 Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
logo
Maxim Integrated Produc...
ICL7665 MAXIM-ICL7665 Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
logo
Intersil Corporation
ICL7665 INTERSIL-ICL7665 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Maxim Integrated Produc...
ICL7665AC/D MAXIM-ICL7665AC/D Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
ICL7665ACJA MAXIM-ICL7665ACJA Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
More results


Similar Description - ICL7665

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
Microprocessor Voltage Monitor with Manual Reset
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
Window Comparator for Over- and Undervoltage Detection
logo
TECH PUBLIC Electronics...
TPAX809 TECHPUBLIC-TPAX809 Datasheet
4Mb / 7P
Microprocessor voltage detection reset chip
logo
Guangdong Youtai Semico...
MAX809 UMW-MAX809 Datasheet
1Mb / 8P
Microprocessor voltage detection reset chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com