Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IH5352 Datasheet (PDF) - Intersil Corporation

IH5352 Datasheet PDF - Intersil Corporation
Part # IH5352
Download  IH5352 Download
File Size   118.5 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad SPST, CMOS RF/Video Switch

IH5352 Datasheet (PDF)

Go To PDF Page Download Datasheet
IH5352 Datasheet PDF - Intersil Corporation

Part # IH5352
Download  IH5352 Click to download

File Size   118.5 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad SPST, CMOS RF/Video Switch

IH5352 Datasheet (HTML) - Intersil Corporation


IH5352 Product details

The IH5352 is a quad SPST, CMOS monolithic switch which uses a “Series/Shunt” (“T” switch) configuration to obtain high OFF isolation while maintaining good frequency response in the ON condition.
Construction of remote and portable video equipment with extended battery life is facilitated by the extremely low current requirements. Switching speeds are typically tON = 150ns and tOFF = 80ns. “Break-Before-Make” switching is guaranteed.
Switch ON resistance is typically 40Ω - 50Ω with ±15V power supplies, increasing to typically 175Ω for ±5V supplies.

Features
• rDS(ON) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75Ω
• Switch Attenuation Varies Less Than 3dB From DC to 100MHz
• OFF Isolation at 10MHz . . . . . . . . . . . . . . . . . . . . . >70dB
• Crosstalk Isolation at 10MHz . . . . . . . . . . . . . . . . . >60dB
• Compatible With TTL, CMOS Logic
• Wide Operating Power Supply Range
• Power Supply Current . . . . . . . . . . . . . . . . . . . . . . . <1µA
• “Break-Before-Make” Switching
• Fast Switching (Typ) . . . . . . . . . . . . . . . . . . . . 80ns/150ns

Applications
• Video Switch
• Communications Equipment
• Disk Drives
• Instrumentation
• CATV




Similar Part No. - IH5352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
logo
Intersil Corporation
IH5341 INTERSIL-IH5341 Datasheet
4Mb / 122P
P-CHANNEL JFET
IH5341 INTERSIL-IH5341 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
logo
Maxim Integrated Produc...
IH5341C/D MAXIM-IH5341C/D Datasheet
337Kb / 4P
Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
IH5341CPD MAXIM-IH5341CPD Datasheet
337Kb / 4P
Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
More results


Similar Description - IH5352

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG751 AD-ADG751 Datasheet
120Kb / 10P
CMOS, Low Voltage RF/Video, SPST Switch
REV.0
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
November 1999
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG221B VISHAY-DG221B Datasheet
58Kb / 6P
Quad SPST CMOS Analog Switch with Latches
23-Apr-01
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
May 2001
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com