Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG751 Datasheet (PDF) - Analog Devices

ADG751 Datasheet PDF - Analog Devices
Part # ADG751
Download  ADG751 Download
File Size   120.68 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, Low Voltage RF/Video, SPST Switch

ADG751 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG751 Datasheet PDF - Analog Devices

Part # ADG751
Download  ADG751 Click to download

File Size   120.68 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, Low Voltage RF/Video, SPST Switch

ADG751 Datasheet (HTML) - Analog Devices


ADG751 Product details

GENERAL DESCRIPTION
The ADG751 is a low voltage SPST (single pole, single throw) switch. It is constructed in a T-switch configuration, which results in excellent Off Isolation while maintaining good frequency response in the ON condition.

FEATURES
    High Off Isolation –75 dB at 100 MHz
    –3 dB Signal Bandwidth 300 MHz
    +1.8 V to +5.5 V Single Supply
    Low On-Resistance (15 V)
    Fast Switching Times
        tON Typically 9 ns
        tOFF Typically 3 ns
    Typical Power Consumption <0.01 mW
    TTL/CMOS Compatible

APPLICATIONS
    Audio and Video Switching
    RF Switching
    Networking Applications
    Battery Powered Systems
    Communication Systems
    Relay Replacement
    Sample-and-Hold Systems




Similar Part No. - ADG751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG751 AD-ADG751 Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ARMZ AD-ADG751ARMZ Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ARMZ-REEL AD-ADG751ARMZ-REEL Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ART-REEL AD-ADG751ART-REEL Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ART-REEL7 AD-ADG751ART-REEL7 Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
More results


Similar Description - ADG751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG752 AD-ADG752 Datasheet
131Kb / 8P
CMOS, Low Voltage RF/Video, SPDT Switch
REV.0
logo
Intersil Corporation
IH5352 INTERSIL-IH5352 Datasheet
118Kb / 8P
Quad SPST, CMOS RF/Video Switch
July 1999
logo
Maxim Integrated Produc...
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2231 SPECTRUM-TWP2231 Datasheet
40Kb / 1P
SPST RF SWITCH
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com