Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG751 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG751
Description  CMOS, Low Voltage RF/Video, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG751 Datasheet(HTML) 1 Page - Analog Devices

  ADG751 Datasheet HTML 1Page - Analog Devices ADG751 Datasheet HTML 2Page - Analog Devices ADG751 Datasheet HTML 3Page - Analog Devices ADG751 Datasheet HTML 4Page - Analog Devices ADG751 Datasheet HTML 5Page - Analog Devices ADG751 Datasheet HTML 6Page - Analog Devices ADG751 Datasheet HTML 7Page - Analog Devices ADG751 Datasheet HTML 8Page - Analog Devices ADG751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG751
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
CMOS, Low Voltage
RF/Video, SPST Switch
FUNCTIONAL BLOCK DIAGRAM
D
IN
S
ADG751
SWITCH SHOWN FOR A LOGIC "1" INPUT
FEATURES
High Off Isolation –75 dB at 100 MHz
–3 dB Signal Bandwidth 300 MHz
+1.8 V to +5.5 V Single Supply
Low On-Resistance (15
)
Fast Switching Times
tON Typically 9 ns
tOFF Typically 3 ns
Typical Power Consumption <0.01
W
TTL/CMOS Compatible
APPLICATIONS
Audio and Video Switching
RF Switching
Networking Applications
Battery Powered Systems
Communication Systems
Relay Replacement
Sample-and-Hold Systems
GENERAL DESCRIPTION
The ADG751 is a low voltage SPST (single pole, single throw)
switch. It is constructed in a T-switch configuration, which
results in excellent Off Isolation while maintaining good fre-
quency response in the ON condition.
High off isolation and wide signal bandwidth make this part
suitable for switching RF and video signals. Low power con-
sumption and operating supply range of +1.8 V to +5.5 V make
it ideal for battery powered, portable instruments.
The ADG751 is designed on a submicron process that provides
low power dissipation yet gives high switching speed and low on
resistance. This part is a fully bidirectional switch and can handle
signals up to and including the supply rails.
The ADG751 is available in 6-lead SOT-23 and 8-lead
µSOIC
packages.
PRODUCT HIGHLIGHTS
1. High Off Isolation –75 dB at 100 MHz.
2. –3 dB Signal Bandwidth 300 MHz.
3. Low On-Resistance (15
Ω).
4. Low Power Consumption, typically <0.01
µW.
5. Tiny 6-lead SOT-23 and 8-lead
µSOIC packages.


Similar Part No. - ADG751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG751 AD-ADG751 Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ARMZ AD-ADG751ARMZ Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ARMZ-REEL AD-ADG751ARMZ-REEL Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ART-REEL AD-ADG751ART-REEL Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
ADG751ART-REEL7 AD-ADG751ART-REEL7 Datasheet
227Kb / 11P
CMOS, Low Voltage
REV. A
More results

Similar Description - ADG751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG752 AD-ADG752 Datasheet
131Kb / 8P
CMOS, Low Voltage RF/Video, SPDT Switch
REV.0
logo
Intersil Corporation
IH5352 INTERSIL-IH5352 Datasheet
118Kb / 8P
Quad SPST, CMOS RF/Video Switch
July 1999
logo
Maxim Integrated Produc...
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2231 SPECTRUM-TWP2231 Datasheet
40Kb / 1P
SPST RF SWITCH
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com