Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG752 Datasheet (PDF) - Analog Devices

ADG752 Datasheet PDF - Analog Devices
Part # ADG752
Download  ADG752 Download
File Size   131.93 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, Low Voltage RF/Video, SPDT Switch

ADG752 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG752 Datasheet PDF - Analog Devices

Part # ADG752
Download  ADG752 Click to download

File Size   131.93 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, Low Voltage RF/Video, SPDT Switch

ADG752 Datasheet (HTML) - Analog Devices


ADG752 Product details

GENERAL DESCRIPTION
The ADG752 is a low voltage SPDT (single pole, double throw) switch. It is constructed using switches in a T-switch configuration, which results in excellent Off Isolation while maintaining good frequency response in the ON condition.
High off isolation and wide signal bandwidth make this part suitable for switching RF and video signals. Low power consumption and operating supply range of +1.8 V to +5.5 V make it ideal for battery powered, portable instruments.

FEATURES
   High Off Isolation –80 dB at 30 MHz
   –3 dB Signal Bandwidth 250 MHz
   +1.8 V to +5.5 V Single Supply
   Low On-Resistance (15 Ω Typically)
   Low On-Resistance Flatness
   Fast Switching Times
      tON Typically 8 ns
      tOFF Typically 3 ns
   Typical Power Consumption < 0.01 μW
   TTL/CMOS Compatible

APPLICATIONS
   Audio and Video Switching
   RF Switching
   Networking Applications
   Battery Powered Systems
   Communication Systems
   Relay Replacement
   Sample-and-Hold Systems




Similar Part No. - ADG752

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG752 AD-ADG752 Datasheet
268Kb / 9P
CMOS, Low Voltage
REV. A
ADG752 AD-ADG752_15 Datasheet
268Kb / 9P
CMOS, Low Voltage
REV. A
More results


Similar Description - ADG752

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
CMOS Low Voltage 4 ohm SPDT Switch
REV.A
ADG736 AD-ADG736 Datasheet
99Kb / 8P
CMOS Low Voltage 4 ohm Dual SPDT Switch
REV.0
ADG751 AD-ADG751 Datasheet
120Kb / 10P
CMOS, Low Voltage RF/Video, SPST Switch
REV.0
logo
Intersil Corporation
IH5352 INTERSIL-IH5352 Datasheet
118Kb / 8P
Quad SPST, CMOS RF/Video Switch
July 1999
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
logo
Analog Devices
ADG736L AD-ADG736L Datasheet
269Kb / 12P
CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
Analog Devices
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com