Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4529 Datasheet (PDF) - Maxim Integrated Products

MAX4529 Datasheet PDF - Maxim Integrated Products
Part # MAX4529
Download  MAX4529 Download
File Size   123.04 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Bidirectional RF/Video Switch

MAX4529 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4529 Datasheet PDF - Maxim Integrated Products

Part # MAX4529
Download  MAX4529 Click to download

File Size   123.04 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Bidirectional RF/Video Switch

MAX4529 Datasheet (HTML) - Maxim Integrated Products


MAX4529 Product details

General Description
The MAX4529 is a low-voltage T-switch designed for switching RF and video signals from DC to 300MHz in 50Ω and 75Ω systems. This switch is constructed in a “T” configuration, ensuring excellent high-frequency off isolation of -80dB at 10MHz.

Features
♦ High 50Ω Off Isolation: -80dB at 10MHz
♦ DC to 300MHz -3dB Signal Bandwidth
♦ 70Ω Signal Paths with ±5V Supplies
♦ 10Ω Signal-Path Flatness with ±5V Supplies
♦ ±2.7V to ±6V Dual Supplies
    +2.7V to +12V Single Supply
♦ Low Power Consumption: <1µW
♦ Rail-to-Rail Bidirectional Signal Handling
♦ >2kV ESD Protection per Method 3015.7
♦ TTL/CMOS-Compatible Inputs with Single +5V or ±5V

Applications
    RF Switching
    Video Signal Routing
    High-Speed Data Acquisition
    Test Equipment
    ATE Equipment
    Networking




Similar Part No. - MAX4529

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX452 MAXIM-MAX452 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX452-MAX455 MAXIM-MAX452-MAX455 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4520EUA MAXIM-MAX4520EUA Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4520EUT-T MAXIM-MAX4520EUT-T Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Similar Description - MAX4529

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG751 AD-ADG751 Datasheet
120Kb / 10P
CMOS, Low Voltage RF/Video, SPST Switch
REV.0
ADG752 AD-ADG752 Datasheet
131Kb / 8P
CMOS, Low Voltage RF/Video, SPDT Switch
REV.0
logo
Intersil Corporation
IH5352 INTERSIL-IH5352 Datasheet
118Kb / 8P
Quad SPST, CMOS RF/Video Switch
July 1999
logo
Maxim Integrated Produc...
MAX4545 MAXIM-MAX4545 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 6/97
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
Low Voltage Bidirectional Transceiver
Revised December 2013
logo
Maxim Integrated Produc...
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com