Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4565 Datasheet (PDF) - Maxim Integrated Products

MAX4565 Datasheet PDF - Maxim Integrated Products
Part # MAX4565
Download  MAX4565 Download
File Size   166.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches

MAX4565 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4565 Datasheet PDF - Maxim Integrated Products

Part # MAX4565
Download  MAX4565 Click to download

File Size   166.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches

MAX4565 Datasheet (HTML) - Maxim Integrated Products


MAX4565 Product details

General Description
The MAX4565/MAX4566/MAX4567 are low-voltage T-switches designed for switching RF and video signals from DC to 350MHz in 50Ω and 75Ω systems. The MAX4565 contains four normally open single-pole/singlethrow (SPST) switches. The MAX4566 contains two dual SPST switches (one normally open, one normally closed.) The MAX4567 contains two single-pole/double-throw (SPDT) switches.

Features
♦ High 50Ω Off Isolation: -83dB at 10MHz
♦ Low 50Ω Crosstalk: -87dB at 10MHz
♦ DC to 350MHz -3dB Signal Bandwidth
♦ 60Ω Signal Paths with ±5V Supplies
♦ 2.5Ω Signal-Path Matching with ±5V Supplies
♦ 2Ω Signal-Path Flatness with ±5V Supplies
♦ Low 50Ω Insertion Loss: 2.5dB at 100MHz
♦ ±2.7V to ±6V Dual Supplies
   +2.7V to +12V Single Supply
♦ Low Power Consumption: <1µW
♦ Rail-to-Rail Bidirectional Signal Handling
♦ Pin Compatible with Industry-Standard DG540,
   DG542, DG643
♦ >2kV ESD Protection per Method 3015.7
♦ TTL/CMOS-Compatible Inputs
   with Single +5V or ±5V

Applications
   RF Switching
   Video Signal Routing
   High-Speed Data Acquisition
   Test Equipment
   ATE Equipment
   Networking




Similar Part No. - MAX4565

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4565CPP MAXIM-MAX4565CPP Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
MAX4565CWP MAXIM-MAX4565CWP Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
More results


Similar Description - MAX4565

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
MAX4545 MAXIM-MAX4545 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 6/97
logo
Vishay Siliconix
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
16-Jun-03
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
31-Aug-09
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
logo
Vishay Siliconix
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
21-Mar-16
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com