Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD1Z0 Datasheet (PDF) - Intersil Corporation

IRFD1Z0 Datasheet PDF - Intersil Corporation
Part # IRFD1Z0
Download  IRFD1Z0 Download
File Size   57.84 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs

IRFD1Z0 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD1Z0 Datasheet PDF - Intersil Corporation

Part # IRFD1Z0
Download  IRFD1Z0 Click to download

File Size   57.84 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs

IRFD1Z0 Datasheet (HTML) - Intersil Corporation


IRFD1Z0 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power.

They can be operated directly from integrated circuits. Formerly developmental type TA17451.




Similar Part No. - IRFD1Z0

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
logo
Vishay Siliconix
IRFD110 VISHAY-IRFD110 Datasheet
132Kb / 8P
Power MOSFET
21-Jul-08
IRFD110 VISHAY-IRFD110 Datasheet
156Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD110PBF IRF-IRFD110PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRFD1Z0

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
October 1998
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
September 1998
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
logo
Harris Corporation
IRFD121 HARRIS-IRFD121 Datasheet
360Kb / 6P
1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com