Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD9110 Datasheet (PDF) - Intersil Corporation

IRFD9110 Datasheet PDF - Intersil Corporation
Part # IRFD9110
Download  IRFD9110 Download
File Size   54.38 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET

IRFD9110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD9110 Datasheet PDF - Intersil Corporation

Part # IRFD9110
Download  IRFD9110 Click to download

File Size   54.38 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET

IRFD9110 Datasheet (HTML) - Intersil Corporation


IRFD9110 Product details

This P-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 0.7A, 100V
• rDS(ON) = 1.200Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRFD9110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
logo
Fairchild Semiconductor
IRFD9110 FAIRCHILD-IRFD9110 Datasheet
93Kb / 7P
0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
logo
Harris Corporation
IRFD9110 HARRIS-IRFD9110 Datasheet
342Kb / 6P
-0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
International Rectifier
IRFD9110 IRF-IRFD9110 Datasheet
218Kb / 6P
1-WATT RATED POWER MOSFETs
logo
Vishay Siliconix
IRFD9110 VISHAY-IRFD9110 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results


Similar Description - IRFD9110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
July 1999
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
July 1999
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
September 1998
logo
Fairchild Semiconductor
IRFD9110 FAIRCHILD-IRFD9110 Datasheet
93Kb / 7P
0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com