Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9150 Datasheet (PDF) - Intersil Corporation

IRF9150 Datasheet PDF - Intersil Corporation
Part # IRF9150
Download  IRF9150 Download
File Size   57.47 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET

IRF9150 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9150 Datasheet PDF - Intersil Corporation

Part # IRF9150
Download  IRF9150 Click to download

File Size   57.47 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET

IRF9150 Datasheet (HTML) - Intersil Corporation


IRF9150 Product details

This P-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• -25A, -100V
• rDS(ON) = 0.150Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRF9150

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Similar Description - IRF9150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
August 1999
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
August 1999
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
September 1998
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
July 1999
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com