Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9150 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRF9150 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRF9150
Download  IRF9150 Download
File Size   152.99 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET

IRF9150 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9150 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRF9150
Download  IRF9150 Click to download

File Size   152.99 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET

IRF9150 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRF9150 Product details

This P-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• -25A, -100V
• rDS(ON) = 0.150Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRF9150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
More results


Similar Description - IRF9150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
August 1999
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
August 1999
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
September 1998
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
July 1999
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com