Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD15P05 Datasheet (PDF) - Intersil Corporation

RFD15P05 Datasheet PDF - Intersil Corporation
Part # RFD15P05
Download  RFD15P05 Download
File Size   87.8 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs

RFD15P05 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD15P05 Datasheet PDF - Intersil Corporation

Part # RFD15P05
Download  RFD15P05 Click to download

File Size   87.8 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs

RFD15P05 Datasheet (HTML) - Intersil Corporation


RFD15P05 Product details

These are P-Channel power MOSFETs manufactured using the MegaFET process. This process which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.

Features
• 15A, 50V
• rDS(ON) = 0.150Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - RFD15P05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFD15P05 VBSEMI-RFD15P05 Datasheet
940Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD15P05 ISC-RFD15P05 Datasheet
308Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
RFD15P05SM VBSEMI-RFD15P05SM Datasheet
985Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD15P05SM ISC-RFD15P05SM Datasheet
298Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - RFD15P05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
July 1999
RFD8P05 INTERSIL-RFD8P05 Datasheet
51Kb / 6P
8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFG30P05 INTERSIL-RFG30P05 Datasheet
70Kb / 8P
30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs
July 1999
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com