Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFT2P03L Datasheet (PDF) - Intersil Corporation

RFT2P03L Datasheet PDF - Intersil Corporation
Part # RFT2P03L
Download  RFT2P03L Download
File Size   91.97 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET

RFT2P03L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFT2P03L Datasheet PDF - Intersil Corporation

Part # RFT2P03L
Download  RFT2P03L Click to download

File Size   91.97 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET

RFT2P03L Datasheet (HTML) - Intersil Corporation


RFT2P03L Product details

This product is a P-Channel power MOSFET manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. It was designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. This transistor can be operated directly from integrated circuits.
Formerly developmental type TA49222.

Features
• 2.1A, 30V
• rDS(ON) = 0.150Ω
• Temperature Compensating PSPICE® Model
• Thermal Impedance SPICE Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFT2P03L

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFT2140-08 RFHIC-RFT2140-08 Datasheet
162Kb / 3P
Power Amplifier
More results


Similar Description - RFT2P03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49223 FAIRCHILD-RF1K49223 Datasheet
235Kb / 9P
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
August 1999
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
January 2000
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
March 2000
ITF86182SK8T INTERSIL-ITF86182SK8T Datasheet
174Kb / 12P
11A, 30V, 0.0115 Ohm, P-Channel, Logic Level, Power MOSFET
January 2000
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
August 1999
RFD10P03L INTERSIL-RFD10P03L Datasheet
133Kb / 8P
10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
July 1999
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
August 1999
logo
Harris Corporation
RFP10P03L HARRIS-RFP10P03L Datasheet
272Kb / 12P
10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com