Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFT3055LE Datasheet (PDF) - Intersil Corporation

RFT3055LE Datasheet PDF - Intersil Corporation
Part # RFT3055LE
Download  RFT3055LE Download
File Size   96.11 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET

RFT3055LE Datasheet (PDF)

Go To PDF Page Download Datasheet
RFT3055LE Datasheet PDF - Intersil Corporation

Part # RFT3055LE
Download  RFT3055LE Click to download

File Size   96.11 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET

RFT3055LE Datasheet (HTML) - Intersil Corporation


RFT3055LE Product details

This product is an N-Channel power MOSFET manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. It was designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.



Features

• 2.0A, 60V

•rDS(ON)= 0.150Ω

• 2kV ESD Protected

• Temperature Compensating PSPICE® Model

• Thermal Impedance SPICE Model

• Peak Current vs Pulse Width Curve

• UIS Rating Curve

 




Similar Part No. - RFT3055LE

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFT321-4322 SICK-RFT321-4322 Datasheet
973Kb / 6P
HF transponder, coin RFID transponder
2024-05-15 16:42:20
More results


Similar Description - RFT3055LE

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
April 1999
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
July 1999
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
July 1999
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
October 1999
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
April 1999
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
July 1999
RFW2N06RLE INTERSIL-RFW2N06RLE Datasheet
41Kb / 5P
2A, 60V, 0.160 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com