Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP10P03L Datasheet (PDF) - Harris Corporation

RFP10P03L Datasheet PDF - Harris Corporation
Part # RFP10P03L
Download  RFP10P03L Download
File Size   272.14 Kbytes
Page   12 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET

RFP10P03L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP10P03L Datasheet PDF - Harris Corporation

Part # RFP10P03L
Download  RFP10P03L Click to download

File Size   272.14 Kbytes
Page   12 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET

RFP10P03L Datasheet (HTML) - Harris Corporation


RFP10P03L Product details

Description

These products are P-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as

switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.



Features

• 10A, 30V

• rDS(ON)= 0.200Ω

• Temperature CompensatingPSPICE Model

• PSPICE Thermal Model

• Peak Current vs Pulse Width Curve

• UIS Rating Curve

• 175oC Operating Temperature




Similar Part No. - RFP10P03L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP10P03L INTERSIL-RFP10P03L Datasheet
133Kb / 8P
10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
July 1999
logo
VBsemi Electronics Co.,...
RFP10P03L VBSEMI-RFP10P03L Datasheet
955Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP10P03L ISC-RFP10P03L Datasheet
370Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - RFP10P03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HP4410DY FAIRCHILD-HP4410DY Datasheet
151Kb / 6P
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFD10P03L FAIRCHILD-RFD10P03L Datasheet
272Kb / 12P
10A, 30V, 0.200W, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
1999 08
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
June 2000
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
March 2000
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
January 2000
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
March 2000
RFD10P03L INTERSIL-RFD10P03L Datasheet
133Kb / 8P
10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
July 1999
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
July 1999
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com