Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03L Datasheet (PDF) - Intersil Corporation

RFD10P03L Datasheet PDF - Intersil Corporation
Part # RFD10P03L
Download  RFD10P03L Download
File Size   133.99 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET

RFD10P03L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD10P03L Datasheet PDF - Intersil Corporation

Part # RFD10P03L
Download  RFD10P03L Click to download

File Size   133.99 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET

RFD10P03L Datasheet (HTML) - Intersil Corporation


RFD10P03L Product details

10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET



These products are P-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.



Features

• 10A, 30V

• rDS(ON)= 0.200Ω

• Temperature Compensating PSPICE® Model

• PSPICE Thermal Model

• Peak Current vs Pulse Width Curve

• UIS Rating Curve

• 175oC Operating Temperature




Similar Part No. - RFD10P03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD10P03L FAIRCHILD-RFD10P03L Datasheet
272Kb / 12P
10A, 30V, 0.200W, Logic Level P-Channel Power MOSFET
logo
Harris Corporation
RFD10P03L HARRIS-RFD10P03L Datasheet
272Kb / 12P
10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
Inchange Semiconductor ...
RFD10P03L ISC-RFD10P03L Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
RFD10P03L-251 VBSEMI-RFD10P03L-251 Datasheet
955Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Harris Corporation
RFD10P03LSM HARRIS-RFD10P03LSM Datasheet
272Kb / 12P
10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
More results


Similar Description - RFD10P03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HP4410DY FAIRCHILD-HP4410DY Datasheet
151Kb / 6P
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFD10P03L FAIRCHILD-RFD10P03L Datasheet
272Kb / 12P
10A, 30V, 0.200W, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
1999 08
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
June 2000
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
March 2000
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
January 2000
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
March 2000
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
July 1999
logo
Harris Corporation
RFP10P03L HARRIS-RFP10P03L Datasheet
272Kb / 12P
10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com