Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03L Datasheet(PDF) 6 Page - Intersil Corporation

Part # RFD10P03L
Description  10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD10P03L Datasheet(HTML) 6 Page - Intersil Corporation

  RFD10P03L Datasheet HTML 1Page - Intersil Corporation RFD10P03L Datasheet HTML 2Page - Intersil Corporation RFD10P03L Datasheet HTML 3Page - Intersil Corporation RFD10P03L Datasheet HTML 4Page - Intersil Corporation RFD10P03L Datasheet HTML 5Page - Intersil Corporation RFD10P03L Datasheet HTML 6Page - Intersil Corporation RFD10P03L Datasheet HTML 7Page - Intersil Corporation RFD10P03L Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7-8
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
FIGURE 20. GATE CHARGE TEST CIRCUIT
FIGURE 21. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
VGS
RL
RG
DUT
+
-
VDD
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
RL
VGS
+
-
VDS
VDD
DUT
IG(REF)
VDD
Qg(TH)
VGS= -1V
Qg(-5)
VGS= -5V
Qg(TOT)
VGS= -10V
VDS
-VGS
Ig(REF)
0
0
RFD10P03L, RFD10P03LSM, RFP10P03L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com