Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6223 Datasheet (PDF) - Intersil Corporation

ISL6223 Datasheet PDF - Intersil Corporation
Part # ISL6223
Download  ISL6223 Download
File Size   402.67 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

ISL6223 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6223 Datasheet PDF - Intersil Corporation

Part # ISL6223
Download  ISL6223 Click to download

File Size   402.67 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

ISL6223 Datasheet (HTML) - Intersil Corporation


ISL6223 Product details

Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

The ISL6223 multi-phase PWM control IC together with its companion gate drivers, the HIP6601, HIP6602 or HIP6603 and Intersil MOSFETs provides a precision voltage regulation system for advanced mobile microprocessors. A single-stage regulator that directly converts a battery voltage to a microprocessor core voltage can be designed when high voltage drivers are employed. Multiphase power conversion is a marked departure from earlier single phase converter configurations previously employed to satisfy the ever increasing current demands of modern microprocessors.

Features
• Mobile VID Compatible Multi-Phase Power Conversion
• Precision Channel Current Sharing
    - Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
    - ±1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
    - 5-Bit VID Input
    - 1.30V to 2.00V in 50mV Steps
    - 0.925V to 1.275V in 25mV Steps
    - Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• High Ripple Frequency (Channel Frequency Times
    Number of Channels, Two). . . . . . . . . . . .100kHz to 3MHz




Similar Part No. - ISL6223

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6223CA RENESAS-ISL6223CA Datasheet
737Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6223CAZA RENESAS-ISL6223CAZA Datasheet
737Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Similar Description - ISL6223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com