Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6431 Datasheet (PDF) - Intersil Corporation

ISL6431 Datasheet PDF - Intersil Corporation
Part # ISL6431
Download  ISL6431 Download
File Size   187.7 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways

ISL6431 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6431 Datasheet PDF - Intersil Corporation

Part # ISL6431
Download  ISL6431 Click to download

File Size   187.7 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways

ISL6431 Datasheet (HTML) - Intersil Corporation


ISL6431 Product details

Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways

The ISL6431 is a high efficiency, fixed frequency, synchronous buck PWM controller. It is designed for use in applications that convert 5V to lower distributed voltages required for set-top box, cable modem, DSL modem and residential home gateway core processor, memory and peripheral power supplies.

Features
• Operates from +5V Input
• 0.8V to VIN Output Range
    - 0.8V Internal Reference
    - ±1.5% Over Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
• Lossless, Programmable Overcurrent Protection
    - Uses Upper MOSFET’s rDS(ON)
• Small Converter Size
    - 300kHz Fixed Frequency Oscillator
    - Internal Soft Start
    - 8 Lead SOIC Package
• High Conversion Efficiency
• Synchronous/Standard Buck Configuration

Applications
• Cable Modems, Set Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Power Supplies for Microprocessors and Embedded Controllers
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 5V-Input DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - ISL6431

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6431 RENESAS-ISL6431 Datasheet
613Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
logo
Intersil Corporation
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
October 2002
logo
Renesas Technology Corp
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
logo
Intersil Corporation
ISL6431ACB INTERSIL-ISL6431ACB Datasheet
215Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
October 2002
logo
Renesas Technology Corp
ISL6431ACB RENESAS-ISL6431ACB Datasheet
614Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
More results


Similar Description - ISL6431

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
October 2002
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
July 18, 2005
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 4, 2009
ISL8130 INTERSIL-ISL8130 Datasheet
1Mb / 24P
Advanced Single Universal Pulse-Width Modulation (PWM) Controller
October 5, 2012
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL8130 RENESAS-ISL8130 Datasheet
1Mb / 23P
Advanced Single Universal Pulse-Width Modulation (PWM) Controller
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6431 RENESAS-ISL6431 Datasheet
613Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com