Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6420 Datasheet (PDF) - Renesas Technology Corp

ISL6420 Datasheet PDF - Renesas Technology Corp
Part # ISL6420
Download  ISL6420 Download
File Size   1008.22 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6420 Datasheet PDF - Renesas Technology Corp

Part # ISL6420
Download  ISL6420 Click to download

File Size   1008.22 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6420 Datasheet (HTML) - Renesas Technology Corp


ISL6420 Product details

Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

The ISL6420 makes simple work out of implementing a complete control and protection scheme for a high-performance DC/DC buck converter. Designed to drive N-channel MOSFETs in a synchronous rectified buck topology, the ISL6420 integrates control, output adjustment, monitoring and protection functions into a single package. Additionally, the IC features an external reference voltage tracking mode for externally referenced buck converter applications and DDR termination supplies, as well as a voltage margining mode for system testing in networking DC/DC converter applications.

Features
• Operates from 4.5V to 16V Input
• 0.6V Internal Reference Voltage
    - ±1.0% Reference Voltage Accuracy
• Resistor-Selectable Switching Frequency
    - 100kHz to 1.4MHz
• Voltage Margining and External Reference Tracking Modes
• Output Can Sink or Source Current
• Lossless, Programmable Overcurrent Protection
    - Uses Upper MOSFET‘s rDS(ON)
• Programmable Soft-Start
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Cycle
• Extensive Circuit Protection Functions
    - PGOOD, overvoltage, overcurrent, Shutdown
• QFN (4x4) Package
    - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
        Flat No Leads - Product Outline
    - QFN Near Chip Scale Package Footprint; Improves
        PCB Efficiency, Thinner in Profile
• Also Available in QSOP Package
• Pb-Free Available (RoHS Compliant)

Applications
• Power Supplies for Microprocessors/ASICs
    - Embedded Controllers
    - DSP and Core Processors
    - DDR SDRAM Bus Termination
• Ethernet Routers and Switchers
• High-Power DC/DC Regulators
• Distributed DC/DC Power Architecture
• Personal Computer Peripherals
• Externally Referenced Buck Converters




Similar Part No. - ISL6420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
July 18, 2005
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 4, 2009
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420AIAZ INTERSIL-ISL6420AIAZ Datasheet
605Kb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 4, 2009
logo
Renesas Technology Corp
ISL6420AIAZ RENESAS-ISL6420AIAZ Datasheet
1Mb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Similar Description - ISL6420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
July 18, 2005
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 4, 2009
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com