Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6406 Datasheet (PDF) - Intersil Corporation

ISL6406 Datasheet PDF - Intersil Corporation
Part # ISL6406
Download  ISL6406 Download
File Size   357.09 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Synchronous Buck Pulse-Width Modulation PWM Controller

ISL6406 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6406 Datasheet PDF - Intersil Corporation

Part # ISL6406
Download  ISL6406 Click to download

File Size   357.09 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Synchronous Buck Pulse-Width Modulation PWM Controller

ISL6406 Datasheet (HTML) - Intersil Corporation


ISL6406 Product details

The ISL6406, ISL6426 is an adjustable frequency, synchronous buck switching regulator optimized for generating lower voltages for the distributed DC-DC architectures. The ISL6406 offers an adjustable output voltage, while the ISL6426 provides a fixed 1.8V output. Designed to drive N-Channel MOSFETs in synchronous buck topology, the ISL6406, ISL6426 integrates the control, output adjustment and protection functions into a single package.
The ISL6406, ISL6426 provides simple, single feedback loop, voltage-mode control with fast transient response. The output voltage can be precisely regulated to as low as 0.8V. The error amplifier features a 15MHz gain-bandwidth product and 6V/µs slew rate which enables high converter bandwidth for fast transient performance.
Protection from overcurrent conditions is provided by monitoring the rDS(ON) of the upper MOSFET to inhibit PWM operation appropriately. This approach simplifies the implementation and improves efficiency by eliminating the need for a current sense resistor.
The wide programmable switching frequency range of 100kHz to 700kHz allows the use of small surface mount inductors and capacitors. The device also provides external frequency synchronization making it an ideal choice for DC-DC converter applications.

Features
• Operates from 3.3V/5V Input
• 0.8V to VIN Output Range
   - 0.8V Internal Reference
   - ±1.5% Reference Accuracy
• Simple Single-Loop Control Design
   - Voltage-Mode PWM Control
• Fast Transient Response
   - High-Bandwidth Error Amplifier
• Lossless, Programmable Overcurrent Protection
   - Uses Upper MOSFET’s rDS(on)
• Programmable Switching Frequency 100kHz–700kHz
• External Frequency Synchronization
• Two Device Options Available
   - ISL6406 . . . . . . . . . . . . . . . . Adjustable Output Voltage
   - ISL6426 . . . . . . . . . . . . . . . . . . . . . . Fixed 1.8V Output
• Internal Soft-Start
• QFN Package Option
   - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
      Flat No Leads - Product Outline
   - QFN Near Chip Scale Package Footprint; Improves
      PCB Efficiency, Thinner in Profile
• Pb-Free Packaging Available (RoHS Compliant)
   - Designated with “Z” Suffix (Refer to Note)

Applications
• 3V/5V DC-DC Converter Modules
• Distributed DC-DC 3.3V, 2.5V and 1.8V Power
   Architectures for DSP, Logic, and Memory
• Power Supplies for Microprocessors
   - PCs
   - Embedded Controllers
• Memory Supplies
• Personal Computer Peripherals




Similar Part No. - ISL6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
388Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
January 16, 2007
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406IB INTERSIL-ISL6406IB Datasheet
388Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
January 16, 2007
ISL6406IBZ INTERSIL-ISL6406IBZ Datasheet
388Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
January 16, 2007
logo
Renesas Technology Corp
ISL6406IBZ RENESAS-ISL6406IBZ Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results


Similar Description - ISL6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 4, 2005
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com