Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6526 Datasheet (PDF) - Intersil Corporation

ISL6526 Datasheet PDF - Intersil Corporation
Part # ISL6526
Download  ISL6526 Download
File Size   330.5 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Synchronous Buck Pulse-Width Modulation PWM Controller

ISL6526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6526 Datasheet PDF - Intersil Corporation

Part # ISL6526
Download  ISL6526 Click to download

File Size   330.5 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Synchronous Buck Pulse-Width Modulation PWM Controller

ISL6526 Datasheet (HTML) - Intersil Corporation


ISL6526 Product details

Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

The ISL6526, ISL6526A make simple work out of implementing a complete control and protection scheme for a DC/DC stepdown converter. Designed to drive N-Channel MOSFETs in a synchronous buck topology, the ISL6526, ISL6526A integrate the control, output adjustment, monitoring and protection functions into a single package.

Features
• Operates from 3.3V to 5V Input
• 0.8V to VIN Output Range
    - 0.8V Internal Reference
    - ±1.5% Over Load, Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
    - Uses Upper MOSFET’s rDS(on)
• Converter can Source and Sink Current
• Small Converter Size
    - Internal Fixed Frequency Oscillator
        - ISL6526: 300kHz
        - ISL6526A: 600kHz
• Internal Soft-Start
• 14 Lead SOIC or 16 Lead 5x5 QFN
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
        No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Power Supplies for Microprocessors
    - PCs
    - Embedded Controllers
• Subsystem Power Supplies
    - PCI/AGP/GTL+ Buses
    - ACPI Power Control
    - DDR SDRAM Bus Termination Supply
• Cable Modems, Set Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 3.3V-Input DC/DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - ISL6526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6526 INTERSIL-ISL6526 Datasheet
338Kb / 15P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
March 20, 2007
logo
Renesas Technology Corp
ISL6526 RENESAS-ISL6526 Datasheet
874Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526-A INTERSIL-ISL6526-A Datasheet
447Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
ISL6526A INTERSIL-ISL6526A Datasheet
338Kb / 15P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
March 20, 2007
ISL6526ACB INTERSIL-ISL6526ACB Datasheet
338Kb / 15P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
March 20, 2007
More results


Similar Description - ISL6526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 4, 2005
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com