Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6520 Datasheet (PDF) - Intersil Corporation

ISL6520 Datasheet PDF - Intersil Corporation
Part # ISL6520
Download  ISL6520 Download
File Size   402.92 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6520 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6520 Datasheet PDF - Intersil Corporation

Part # ISL6520
Download  ISL6520 Click to download

File Size   402.92 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6520 Datasheet (HTML) - Intersil Corporation


ISL6520 Product details

The ISL6520 makes simple work out of implementing a complete control and protection scheme for a DC/DC stepdown converter. Designed to drive N-Channel MOSFETs in a synchronous buck topology, the ISL6520 integrates the control, output adjustment, monitoring and protection functions into a single 8 Lead package.



Features

• Operates from +5V Input

• 0.8V to VINOutput Range

- 0.8V Internal Reference

- ±1.5% Over Line Voltage and Temperature

• Drives N-Channel MOSFETs

• Simple Single-Loop Control Design

- Voltage-Mode PWM Control

• Fast Transient Response

- High-Bandwidth Error Amplifier

- Full 0% to 100% Duty Cycle

• Lossless, Programmable Over-Current Protection

- Uses Upper MOSFET’s rDS(on)

• Small Converter Size

- 300kHz Fixed Frequency Oscillator

- Internal Soft Start

- 8 Ld SOIC or 16Ld 4mmx4mm QFN

• QFN Package:

- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline

- Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile

• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
logo
Renesas Technology Corp
ISL6520 RENESAS-ISL6520 Datasheet
718Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
328Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
March 28, 2007
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
More results


Similar Description - ISL6520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com