Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6406 Datasheet (PDF) - Renesas Technology Corp

ISL6406 Datasheet PDF - Renesas Technology Corp
Part # ISL6406
Download  ISL6406 Download
File Size   986.31 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6406 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6406 Datasheet PDF - Renesas Technology Corp

Part # ISL6406
Download  ISL6406 Click to download

File Size   986.31 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6406 Datasheet (HTML) - Renesas Technology Corp


ISL6406 Product details

Features
• Operates from 3.3V/5V Input
• 0.8V to VIN Output Range
- 0.8V Internal Reference
- ±1.5% Reference Accuracy
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
• Lossless, Programmable Overcurrent Protection
- Uses Upper MOSFET’s rDS(ON)
• Programmable Switching Frequency 100kHz to 700kHz
• External Frequency Synchronization
• Internal Soft-Start
• QFN Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip-Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile
• Pb-Free (RoHS compliant)
Applications
• 3V/5V DC/DC Converter Modules
• Distributed DC/DC 3.3V, 2.5V and 1.8V Power
Architectures for DSP, Logic, and Memory
• Power Supplies for Microprocessors
- PCs
- Embedded Controllers
• Memory Supplies
• Personal Computer Peripherals




Similar Part No. - ISL6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
388Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
January 16, 2007
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6406IB INTERSIL-ISL6406IB Datasheet
388Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
January 16, 2007
ISL6406IBZ INTERSIL-ISL6406IBZ Datasheet
388Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
January 16, 2007
ISL6406IBZ INTERSIL-ISL6406IBZ Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Similar Description - ISL6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 4, 2005
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com