Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6526 Datasheet (PDF) - Renesas Technology Corp

ISL6526 Datasheet PDF - Renesas Technology Corp
Part # ISL6526
Download  ISL6526 Download
File Size   874.23 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6526 Datasheet PDF - Renesas Technology Corp

Part # ISL6526
Download  ISL6526 Click to download

File Size   874.23 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

ISL6526 Datasheet (HTML) - Renesas Technology Corp


ISL6526 Product details

Single Synchronous Buck Pulse-Width Modulation (PWM) Controller

The ISL6526, ISL6526A make simple work out of implementing a complete control and protection scheme for a DC/DC stepdown converter. Designed to drive N-Channel MOSFETs in a synchronous buck topology, the ISL6526, ISL6526A integrate the control, output adjustment, monitoring and protection functions into a single package.

Features
• Operates from 3.3V to 5V Input
• 0.8V to VIN Output Range
    - 0.8V Internal Reference
    - ±1.5% Over Load, Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
    - Uses Upper MOSFET’s rDS(on)
• Converter can Source and Sink Current
• Small Converter Size
    - Internal Fixed Frequency Oscillator
        - ISL6526: 300kHz
        - ISL6526A: 600kHz
• Internal Soft-Start
• 14 Ld SOIC or 16 Ld 5x5 QFN
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
        No Leads - Package Outline
    - Near Chip Scale Package Footprint, which Improves
        PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)

Applications
• Power Supplies for Microprocessors
    - PCs
    - Embedded Controllers
• Subsystem Power Supplies
    - PCI/AGP/GTL+ Buses
    - ACPI Power Control
    - DDR SDRAM Bus Termination Supply
• Cable Modems, Set-Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 3.3V-Input DC/DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - ISL6526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6526 INTERSIL-ISL6526 Datasheet
338Kb / 15P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
March 20, 2007
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6526-A INTERSIL-ISL6526-A Datasheet
447Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
ISL6526A INTERSIL-ISL6526A Datasheet
338Kb / 15P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
March 20, 2007
ISL6526A INTERSIL-ISL6526A Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
More results


Similar Description - ISL6526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com