Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6523CB Datasheet (PDF) - Intersil Corporation

ISL6523CB Datasheet PDF - Intersil Corporation
Part # ISL6523CB
Download  ISL6523CB Download
File Size   498.13 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VRM8.5 Dual PWM and Dual Linear Power System Controller

ISL6523CB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6523CB Datasheet PDF - Intersil Corporation

Part # ISL6523CB
Download  ISL6523CB Click to download

File Size   498.13 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VRM8.5 Dual PWM and Dual Linear Power System Controller

ISL6523CB Datasheet (HTML) - Intersil Corporation


ISL6523CB Product details

VRM8.5 Dual PWM and Dual Linear Power System Controller

The ISL6523 provides the power control and protection for four output voltages in high-performance microprocessor and computer applications. The IC integrates two PWM controllers and two linear controllers, as well as the monitoring and protection functions into a 28-pin SOIC package. One PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter. The second PWM controller supplies the computer system’s AGTL+ 1.2V bus power with a standard buck converter. The linear controllers regulate power for the 1.5V AGP bus and the 1.8V power for the chipset core voltage and/or cache memory circuits.

Features
• Provides 4 Regulated Voltages
    - Microprocessor Core, AGTL+ Bus, AGP Bus Power, and
        North/South Bridge Core
• Drives N-Channel MOSFETs
• Linear Regulator Drives Compatible with both MOSFET
    and Bipolar Series Pass Transistors
• Simple Single-Loop Control Designs
    - Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
    - High-Bandwidth Error Amplifiers
    - Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
    - Core PWM Output . . . . . . . . . . ±1% Over Temperature
    - All Other Outputs . . . . . . . . . . . . . ±3% Over Temperature
• VRM8.5 TTL-Compatible 5-Bit DAC Microprocessor Core
    Output Voltage Selection
    - Wide Range . . . . . . . . . . . . . . . . . . . . 1.050V to 1.825V
• Power-Good Output Voltage Monitors
    - Separate delayed VTT Power Good
• Overcurrent Fault Monitors
    - Switching Regulators Do Not Require Extra Current
        Sensing Elements, Use MOSFET’s rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Internal Oscillator
• Pb-free available

Applications
• Motherboard Power Regulation for Computers




Similar Part No. - ISL6523CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6523CB RENESAS-ISL6523CB Datasheet
923Kb / 17P
VRM8.5 Dual PWM and Dual Linear Power System Controller
ISL6523CBZ RENESAS-ISL6523CBZ Datasheet
923Kb / 17P
VRM8.5 Dual PWM and Dual Linear Power System Controller
More results


Similar Description - ISL6523CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
ISL6523A INTERSIL-ISL6523A Datasheet
408Kb / 16P
VRM8.5 Dual PWM and Dual Linear Power System Controller
February 2002
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 8, 2005
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
Advaced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
VRM8.5 Dual PWM and Dual Linear Power System Controller
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
VRM8.5 PWM and Triple Linear Power System Controller
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com