Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9229 Datasheet (PDF) - List of Unclassifed Manufacturers

RT9229 Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9229
Download  RT9229 Download
File Size   219.42 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Advaced Dual PWM and Dual Linear Power Controller

RT9229 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9229 Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9229
Download  RT9229 Click to download

File Size   219.42 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Advaced Dual PWM and Dual Linear Power Controller

RT9229 Datasheet (HTML) - List of Unclassifed Manufacturers


RT9229 Product details

[Richtek]



General Description

The RT9229 is a 4-in-one power controller optimized for high-performance microprocessor and computer applications. The IC integrates two PWM controllers, a linear regulator and a linear controller as well as monitoring and protection functions into a 28-pin SOP package. The first PWM controller regulates the microprocessor core voltage with a synchronous buck converter, while the second PWM controller supplies the 3.3V power with a standard buck converter. The linear regulator provides power for the clock driver circuit and the linear controller regulates

power for the GTL bus.



Features

4-in-one Regulated Voltages for Microprocessor Core, I/O, Clock, and GTL

Compatible with HIP6019B

Power-Good Output Voltage Monitor



Switching section

5-bit DAC Programmable from 1.3V to 3.5V

±1% DAC Accuracy

Fast Transient Response

Full 0% to 100% Duty Cycle Driver

Fixed 200kHz Switching Frequency

Adaptive Non-overlapping Gate Driver

Over-current Monitor Uses MOSFET RDS(ON)

Over-voltage Protection Uses Lower MOSFET



Linear Section

User-adjustable Linear Regulator Output Voltage

MOSFET or NPN Driving Capability

Ultra Fast Response Speed

Under-voltage Protection

Internal Thermal Shutdown



Applications

Full Motherboard Power Regulation for Computer

Low-voltage Distributed Power Supplies




Similar Part No. - RT9229

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
RobuST, rail-to-rail, high output current dual operational amplifier
08-Oct-2014
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9221CS ETC-RT9221CS Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
More results


Similar Description - RT9229

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
VRM8.5 Dual PWM and Dual Linear Power System Controller
July 2004
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
VRM8.5 Dual PWM and Dual Linear Power System Controller
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com