Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6524ACBZ Datasheet (PDF) - Intersil Corporation

ISL6524ACBZ Datasheet PDF - Intersil Corporation
Part # ISL6524ACBZ
Download  ISL6524ACBZ Download
File Size   453.98 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VRM8.5 PWM and Triple Linear Power System Controller

ISL6524ACBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6524ACBZ Datasheet PDF - Intersil Corporation

Part # ISL6524ACBZ
Download  ISL6524ACBZ Click to download

File Size   453.98 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VRM8.5 PWM and Triple Linear Power System Controller

ISL6524ACBZ Datasheet (HTML) - Intersil Corporation


ISL6524ACBZ Product details

The ISL6524A provides the power control and protection for four output voltages in high-performance microprocessor and computer applications. The IC integrates one PWM controller and three linear controllers, as well as the monitoring and protection functions into a 28-pin SOIC package. The PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter. One linear controller supplies the computer system’s AGTL+ 1.2V bus power. The other two linear controllers regulate power for the 1.5V AGP bus and the 1.8V power for the chipset core voltage and/or cache memory circuits.

Features
• Provides 4 Regulated Voltages
    - Microprocessor Core, AGTL+ Bus, AGP Bus Power, and North/South Bridge Core
• Drives N-Channel MOSFETs
• Linear Regulator Drives Compatible with both MOSFET and Bipolar Series Pass Transistors
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - Core PWM Output: ±1% Over Temperature
    - All Other Outputs: ±3% Over Temperature
• VRM8.5 TTL-Compatible 5-Bit DAC Microprocessor Core Output Voltage Selection
    - Wide Range - 1.050V to 1.825V
• Power-Good Output Voltage Monitors
    - Separate delayed VTT Power Good
• Over-Voltage and Over-Current Fault Monitors
    - Switching Regulator Doesn’t Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Internal Oscillator
• Pb-Free Available (RoHS Compliant)

Applications
• Motherboard Power Regulation for Computers




Similar Part No. - ISL6524ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524ACBZ RENESAS-ISL6524ACBZ Datasheet
873Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
ISL6524ACBZA-T RENESAS-ISL6524ACBZA-T Datasheet
873Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
More results


Similar Description - ISL6524ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
VRM8.5 Dual PWM and Dual Linear Power System Controller
July 2004
ISL6523A INTERSIL-ISL6523A Datasheet
408Kb / 16P
VRM8.5 Dual PWM and Dual Linear Power System Controller
February 2002
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
List of Unclassifed Man...
RT9238 ETC-RT9238 Datasheet
434Kb / 24P
VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
VRM8.5 Dual PWM and Dual Linear Power System Controller
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
VRM8.5 PWM and Triple Linear Power System Controller
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com