Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6532C Datasheet (PDF) - Intersil Corporation

ISL6532C Datasheet PDF - Intersil Corporation
Part # ISL6532C
Download  ISL6532C Download
File Size   506.76 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ACPI Regulator/Controller for Dual Channel DDR Memory Systems

ISL6532C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6532C Datasheet PDF - Intersil Corporation

Part # ISL6532C
Download  ISL6532C Click to download

File Size   506.76 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ACPI Regulator/Controller for Dual Channel DDR Memory Systems

ISL6532C Datasheet (HTML) - Intersil Corporation


ISL6532C Product details

ACPI Regulator/Controller for Dual Channel DDR Memory Systems

The ISL6532C provides a complete ACPI compliant power solution for up to 4 DIMM dual channel DDR/DDR2 Memory systems. Included are both a synchronous buck controller and integrated LDO to supply VDDQ with high current during S0/S1 states and standby current during S3 state. During S0/S1 state, a fully integrated sink-source regulator generates an accurate (VDDQ/2) high current VTT voltage without the need for a negative supply. A buffered version of the VDDQ/2 reference is provided as VREF. An LDO controller is also integrated for AGP core voltage regulation.

Features
• Generates 3 Regulated Voltages
    - Synchronous Buck PWM Controller with Standby LDO
    - 3A Integrated Sink/Source Linear Regulator with Accurate VDDQ/2 Divider Reference.
    - Glitch-free Transitions During State Changes
    - LDO Regulator for 1.5V Video and Core voltage
• ACPI compliant sleep state control
• Integrated VREF Buffer
• PWM Controller Drives Low Cost N-Channel MOSFETs
• 250kHz Constant Frequency Operation
• Tight Output Voltage Regulation
    - All Outputs: ±2% Over Temperature
• 5V or 3.3V Down Conversion
• Fully-Adjustable Outputs with Wide Voltage Range: Down to 0.8V supports DDR and DDR2 Specifications
• Simple Single-Loop Voltage-Mode PWM Control Design
• Fast PWM Converter Transient Response
• Under and Over-voltage Monitoring on All Outputs
• OCP on the Switching Regulator and VTT
• Integrated Thermal Shutdown Protection
• QFN Package Option
    - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
        Flat No Leads - Product Outline
    - QFN Near Chip Scale Package Footprint; Improves
        PCB Efficiency, Thinner in Profile
• Pb-free available

Applications
• Single and Dual Channel DDR Memory Power Systems in ACPI compliant PCs
• Graphics cards - GPU and memory supplies
• ASIC power supplies
• Embedded processor and I/O supplies
• DSP supplies




Similar Part No. - ISL6532C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532C RENESAS-ISL6532C Datasheet
894Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532CCR RENESAS-ISL6532CCR Datasheet
894Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532CCRZ RENESAS-ISL6532CCRZ Datasheet
894Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6532CR INTERSIL-ISL6532CR Datasheet
365Kb / 14P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
logo
Renesas Technology Corp
ISL6532CR RENESAS-ISL6532CR Datasheet
772Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Similar Description - ISL6532C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
February 9, 2005
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 22, 2005
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
January 3, 2006
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537 RENESAS-ISL6537 Datasheet
900Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com