Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9644 Datasheet (PDF) - Richtek Technology Corporation

RT9644 Datasheet PDF - Richtek Technology Corporation
Part # RT9644
Download  RT9644 Download
File Size   357.37 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description ACPI Regulator/Controller for Dual Channel DDR Memory Systems

RT9644 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9644 Datasheet PDF - Richtek Technology Corporation

Part # RT9644
Download  RT9644 Click to download

File Size   357.37 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description ACPI Regulator/Controller for Dual Channel DDR Memory Systems

RT9644 Datasheet (HTML) - Richtek Technology Corporation


RT9644 Product details

General Description
The RT9644/A is a complete ACPI compliant power solution for DDR and DDR2 memory system with up to 4 DIMMs dual channel systems. This RT9644 includes one synchronous buck controller for DDR/DDR2 VDDQ, one DDR/DDR2 bus terminator VTT (equal to VDDQ/2) regulator with source and sinking ability, three LDO controllers for VGMCH (cascode), and GMCH/CPU termination VTT_GMCH/CPU. The RT9644A includes one synchronous buck controller for DDR/DDR2 VDDQ, one PWM controller for VGMCH (with external MOSFET driver), oneDDR/DDR2 bus terminator VTT (equal to VDDQ/2) regulator with source and sinking ability, and two LDO controllers for VTT_GMCH/CPU and VDAC.

Features
● RT9644 Includes Three LDO Controllers, One LDO Regulator and One PWM Controller
    }OneDDR/DDR2 VDDQ with Synchronous Buck PWM
    }One DDR/DDR2 Bus Terminator VTT Regulator Source/Sink 3A
    }Two Cascode LDO Controllers forGMCH Core
    }One LDO Controller forGMCH/CPU Bus Terminator VTT_GMCH/CPU
● RT9644AIncludes Two LDO Controllers, One LDO Regulator and Two PWM Controllers
    }OneDDR/DDR2 VDDQ with Synchronous Buck PWM
    }One VGMCH with External Richtek MOSFET Driver
    }One DDR/DDR2 Bus Terminator VTT Regulator Source/Sink 3A
    }One LDO Controller for VDAC
    }One LDO Controller for GMCH/CPU Bus
    Terminator VTT_GMCH/CPU
● Operating with 5V and 12V Supply Voltage
● ACPI Compliant Sleep Mode Control
● DriveAll Low Cost N-MOSFETs
● Voltage Mode PWM Control
    }250kHz Fixed Frequency Oscillator (RT9644A: Two PWM controllers with phase shift 90o)
    }Simple Voltage Mode Loop Control
    }Fast Transient Response
    }Over Current Protection
● Fully Adjustable Output Voltage Down to Compatible with DDR2
● Integrated DDR/DDR2 Reference Buffer
● Integrated VIDPGD to Indicated VTT_GMCH/CPU Operational
● All Regulator Outputs Monitored by Under Voltage Protection
● DDR/DDR2 VDDQ and Bus Terminator VTT Also Integrated Over Voltage Protection
● Integrated Thermal Shut Down
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Motherboard, Desktop Servers : Single/Dual channel DDR/DDR2ACPI compliant
● Graphic Card : GPU and memory supply
● IA Equipments
● Telecomm Equipments
● DSP, ASIC or embedded processor and IO supplies
● High Power DC-DC Regulators




Similar Part No. - RT9644

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
More results


Similar Description - RT9644

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
February 9, 2005
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 22, 2005
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
January 3, 2006
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537 RENESAS-ISL6537 Datasheet
900Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com