Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9641A Datasheet (PDF) - Richtek Technology Corporation

RT9641A Datasheet PDF - Richtek Technology Corporation
Part # RT9641A
Download  RT9641A Download
File Size   232.3 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT

RT9641A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9641A Datasheet PDF - Richtek Technology Corporation

Part # RT9641A
Download  RT9641A Click to download

File Size   232.3 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT

RT9641A Datasheet (HTML) - Richtek Technology Corporation


RT9641A Product details

General Description
The RT9641A/B, paired with either the RT9230 or RT9231 simplifies the implementation of ACPI-compliant designs in microprocessor and computer applications. The IC integrates two linear controllers and a low-current pass transistor, as well as the monitoring and control functions into a 16-pin SOIC package.
   
Features
● Provides 3 ACPI-Controlled Voltages
    − 5V Active/Sleep(5VDUAL)
● 3.3V Active/Sleep(3.3VDUAL)
    − 2.5V/3.3V Active/Sleep(VMEM) with RT9641A
    − 2.6V/3.43V Active and 2.5V/3.3V Sleep(VMEM)
        with RT9641B
● Simple Control Design
    − No Compensation Required
● Excellent Output Voltage Accuracy
    − 3.3VDUALOutput: ±2.0%; Sleep States Only
    − 2.5V/3.3V (2.6V/3.43V) Output: ±2.0%;
        Both Operational States
● Fixed Output Voltages Require No Precision
    External Resistors
● Small Size
    − Small External Component Count
● Selectable 2.5V/3.3V (2.6/3.43) VMEM Output
    Voltage via FAULT/MSEL Pin
    − 2.5V/2.6V for RDRAM Memory
    − 3.3V/3.43V for SDRAM Memory
● Under-voltage Monitoring of All Outputs with
    Centralized FAULT Reporting
● Adjustable Soft-start Function Eliminates 5VSB
    Perturbations
   




Similar Part No. - RT9641A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
More results


Similar Description - RT9641A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
170Kb / 8P
Triple Linear Regulator Controllers
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
logo
ELMOS Semiconductor AG
E522.80 ELMOS-E522.80 Datasheet
287Kb / 2P
Triple 150mA Linear LED Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
logo
ELMOS Semiconductor AG
E522.90 ELMOS-E522.90 Datasheet
168Kb / 2P
Triple 55mA Linear LED Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com