Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9174 Datasheet (PDF) - Richtek Technology Corporation

RT9174 Datasheet PDF - Richtek Technology Corporation
Part # RT9174
Download  RT9174 Download
File Size   170.1 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Triple Linear Regulator Controllers

RT9174 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9174 Datasheet PDF - Richtek Technology Corporation

Part # RT9174
Download  RT9174 Click to download

File Size   170.1 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Triple Linear Regulator Controllers

RT9174 Datasheet (HTML) - Richtek Technology Corporation


RT9174 Product details

General Description
The RT9174 is a triple linear regulator controller designed for motherboard application.

Features
• Integrated Three Linear Controllers in a SOP-8 Package
• Driving NPN or NMOSFET
• Sourcing ( > 100mA) and Sinking ( > 5mA) Driver
• Tri-State Output Driver
• Low Internal 0.8V Reference
• Adjustable Output Voltage Setting
• High Output Stability
• VDDQ 1.5/3.3V Automatic Changing for AGP
• Wide 3V to 8V Input Voltage Range
• Current Limiting and Thermal Protection
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Mother Boards Power Supply
• Graphic Cards




Similar Part No. - RT9174

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174GS RICHTEK-RT9174GS Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174PS RICHTEK-RT9174PS Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
More results


Similar Description - RT9174

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Semtech Corporation
SC1112 SEMTECH-SC1112 Datasheet
338Kb / 21P
Triple Low Dropout Regulator Controllers
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
logo
Semtech Corporation
SC1112 SEMTECH-SC1112_06 Datasheet
353Kb / 23P
Triple Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
Triple-Output LCD Supply With Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com