Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3171 Datasheet (PDF) - Analog Devices

ADP3171 Datasheet PDF - Analog Devices
Part # ADP3171
Download  ADP3171 Download
File Size   310.37 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Synchronous Buck Controller with Dual Linear Regulator Controllers

ADP3171 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3171 Datasheet PDF - Analog Devices

Part # ADP3171
Download  ADP3171 Click to download

File Size   310.37 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Synchronous Buck Controller with Dual Linear Regulator Controllers

ADP3171 Datasheet (HTML) - Analog Devices


ADP3171 Product details

GENERAL DESCRIPTION

The ADP3171 is a highly efficient output synchronous buck switching regulator controller optimized for converting a 5 V main supply into the auxiliary supply voltages required by processors and chipsets. The ADP3171 provides a fixed output voltage of 1.2 V at up to 15 A, depending on the power ratings of the external MOSFETs and inductor. The ADP3171 uses a current-mode, constant off time architecture to drive two N-channel MOSFETs at a programmable switching frequency that can be optimized for regulator size and efficiency.



FEATURES

Fixed 1.2 V N-Channel Synchronous Buck Driver

Two On-Board Linear Regulator Controllers

Total Accuracy ±1% over Temperature

High Efficiency Current-Mode Operation

Short Circuit Protection

Power Good Output

Overvoltage Protection Crowbar Protects Switching Output with No Additional External Components



APPLICATIONS

Auxiliary System Supplies for Desktop

Computer Systems

General-Purpose Low Voltage Supplies




Similar Part No. - ADP3171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3170 AD-ADP3170 Datasheet
183Kb / 16P
VRM 8.5 Compatible Single Phase Core Controller
REV.0
ADP3170JRU AD-ADP3170JRU Datasheet
183Kb / 16P
VRM 8.5 Compatible Single Phase Core Controller
REV.0
ADP3178 AD-ADP3178 Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178 AD-ADP3178 Datasheet
191Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178JR AD-ADP3178JR Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
More results


Similar Description - ADP3171

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
Dual Synchronous Buck Regulator Controller
logo
Semtech Corporation
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
Dual Synchronous Buck Regulator Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
National Semiconductor ...
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
Dual Synchronous Buck Regulator Controller
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
LM2647 Dual Synchronous Buck Regulator Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com