Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3171 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3171
Description  Synchronous Buck Controller with Dual Linear Regulator Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3171 Datasheet(HTML) 1 Page - Analog Devices

  ADP3171 Datasheet HTML 1Page - Analog Devices ADP3171 Datasheet HTML 2Page - Analog Devices ADP3171 Datasheet HTML 3Page - Analog Devices ADP3171 Datasheet HTML 4Page - Analog Devices ADP3171 Datasheet HTML 5Page - Analog Devices ADP3171 Datasheet HTML 6Page - Analog Devices ADP3171 Datasheet HTML 7Page - Analog Devices ADP3171 Datasheet HTML 8Page - Analog Devices ADP3171 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADP3171
Synchronous Buck Controller
with Dual Linear Regulator Controllers
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
PWM
LOGIC
SET
RESET
CROWBAR
1.8V
LRFB2
LRDRV2
REFERENCE
REF
1
GND
DAC +20%
DAC –20%
CMP
gm
UVLO
AND BIAS
DRVH
VCC
COMP
DRVL
PWRGD
CS–
CS+
FB
CT
ADP3171
5
7
1.5V
LRFB1
LRDRV1
3
4
8
1.2V
FEATURES
Fixed 1.2 V N-Channel Synchronous Buck Driver
Two On-Board Linear Regulator Controllers
Total Accuracy
±1% over Temperature
High Efficiency Current-Mode Operation
Short Circuit Protection
Power Good Output
Overvoltage Protection Crowbar Protects Switching
Output with No Additional External Components
APPLICATIONS
Auxiliary System Supplies for Desktop
Computer Systems
General-Purpose Low Voltage Supplies
GENERAL DESCRIPTION
The ADP3171 is a highly efficient output synchronous buck
switching regulator controller optimized for converting a 5 V
main supply into the auxiliary supply voltages required by
processors and chipsets. The ADP3171 provides a fixed
output voltage of 1.2 V at up to 15 A, depending on the
power ratings of the external MOSFETs and inductor. The
ADP3171 uses a current-mode, constant off time architecture to
drive two N-channel MOSFETs at a programmable switching
frequency that can be optimized for regulator size and efficiency.
The ADP3171 provides accurate and reliable short circuit
protection and adjustable current limiting. It also includes an
integrated overvoltage crowbar function to protect the load in
case the output voltage exceeds the nominal programmed
voltage by more than 20%.
The ADP3171 contains two fixed output voltage linear regulator
controllers that are designed to drive external N-channel
MOSFETs. These linear regulators are used to generate the
auxiliary voltages required in most motherboard designs and have
been designed to provide a high bandwidth load-transient response.
The ADP3171 is specified over the commercial temperature
range of 0
°C to 70°C and is available in a 14-lead SOIC package.


Similar Part No. - ADP3171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3170 AD-ADP3170 Datasheet
183Kb / 16P
VRM 8.5 Compatible Single Phase Core Controller
REV.0
ADP3170JRU AD-ADP3170JRU Datasheet
183Kb / 16P
VRM 8.5 Compatible Single Phase Core Controller
REV.0
ADP3178 AD-ADP3178 Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178 AD-ADP3178 Datasheet
191Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178JR AD-ADP3178JR Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
More results

Similar Description - ADP3171

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
Dual Synchronous Buck Regulator Controller
logo
Semtech Corporation
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
Dual Synchronous Buck Regulator Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
National Semiconductor ...
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
Dual Synchronous Buck Regulator Controller
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
LM2647 Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com