Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet (PDF) - Analog Devices

ADP3170 Datasheet PDF - Analog Devices
Part # ADP3170
Download  ADP3170 Download
File Size   183.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description VRM 8.5 Compatible Single Phase Core Controller

ADP3170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3170 Datasheet PDF - Analog Devices

Part # ADP3170
Download  ADP3170 Click to download

File Size   183.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description VRM 8.5 Compatible Single Phase Core Controller

ADP3170 Datasheet (HTML) - Analog Devices


ADP3170 Product details

GENERAL DESCRIPTION
The ADP3170 is a highly efficient output synchronous buck switching regulator controller optimized for converting a 5 V main supply into the core supply voltage required by next generation Intel Celeron processors. The ADP3170 uses an internal 5-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 1.05 V and 1.825 V. The ADP3170 uses a current mode, constant off-time architecture to drive two N-channel MOSFETs at a programmable switching frequency that can be optimized for regulator size and efficiency.
   
FEATURES
    Optimally Compensated Active Voltage Positioning
        with Gain and Offset Adjustment (ADOPT™) for
        Superior Load Transient Response
    Complies with VRM 8.5 Specifications with Lowest
    System Cost
    5-Bit Digitally Programmable 1.05 V to 1.825 V Output
    N-Channel Synchronous Buck Controller
    Onboard 1.8 V Linear Regulator Controller
    Total Accuracy ±1% Over Temperature
    High Efficiency Current-Mode Operation
    Short Circuit Protection
    Power Good Output
    Overvoltage Protection Crowbar Protects
        Microprocessors with No Additional External
        Components
   
APPLICATIONS
    Core and 1.8 V Standby Supplies for Next Generation
    Intel Pentium® III Processors
   




Similar Part No. - ADP3170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
ADP3171JR AD-ADP3171JR Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
ADP3178 AD-ADP3178 Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178 AD-ADP3178 Datasheet
191Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178JR AD-ADP3178JR Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
More results


Similar Description - ADP3170

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3013 IRF-IRU3013 Datasheet
122Kb / 6P
VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
List of Unclassifed Man...
RT9238 ETC-RT9238 Datasheet
434Kb / 24P
VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
RT9224E ETC1-RT9224E Datasheet
208Kb / 8P
VRM 8.5 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
ON Semiconductor
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
logo
Semtech Corporation
SC1159 SEMTECH-SC1159 Datasheet
333Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
SC2659 SEMTECH-SC2659 Datasheet
339Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
logo
Maxim Integrated Produc...
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
Intersil Corporation
ISL95813 INTERSIL-ISL95813 Datasheet
655Kb / 24P
Single Phase Core Controller for VR12.6
May 15, 2013
logo
Linear Technology
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
VID Voltage Programmer for Intel VRM 8.5
logo
Renesas Technology Corp
ISL95813 RENESAS-ISL95813 Datasheet
226Kb / 2P
Single-Phase Core Controller for VR12.6
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com