Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 1 Page - Analog Devices

  ADP3170 Datasheet HTML 1Page - Analog Devices ADP3170 Datasheet HTML 2Page - Analog Devices ADP3170 Datasheet HTML 3Page - Analog Devices ADP3170 Datasheet HTML 4Page - Analog Devices ADP3170 Datasheet HTML 5Page - Analog Devices ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3170
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
VRM 8.5 Compatible
Single Phase Core Controller
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
PWM
LOGIC
SET
RESET
CROWBAR
3.0V
REFERENCE
1.8V
DAC +20%
DAC –20%
CMP
gm
REF
VID
DAC
REF
VID25
VID0
VID1
VID2
VID3
UVLO
AND BIAS
SD
DRVH
VCC
GND
REF
LRFB
LRDRV
COMP
DRVL
PGND
PWRGD
CS–
CS+
FB
CT
ADP3170
FEATURES
Optimally Compensated Active Voltage Positioning
with Gain and Offset Adjustment (ADOPT™) for
Superior Load Transient Response
Complies with VRM 8.5 Specifications with Lowest
System Cost
5-Bit Digitally Programmable 1.05 V to 1.825 V Output
N-Channel Synchronous Buck Controller
Onboard 1.8 V Linear Regulator Controller
Total Accuracy
1% Over Temperature
High Efficiency Current-Mode Operation
Short Circuit Protection
Power Good Output
Overvoltage Protection Crowbar Protects
Microprocessors with No Additional External
Components
APPLICATIONS
Core and 1.8 V Standby Supplies for Next Generation
Intel Pentium® III Processors
GENERAL DESCRIPTION
The ADP3170 is a highly efficient output synchronous buck
switching regulator controller optimized for converting a 5 V
main supply into the core supply voltage required by next
generation Intel Celeron processors. The ADP3170 uses an
internal 5-bit DAC to read a voltage identification (VID)
code directly from the processor, which is used to set the
output voltage between 1.05 V and 1.825 V. The ADP3170
uses a current mode, constant off-time architecture to drive two
N-channel MOSFETs at a programmable switching frequency
that can be optimized for regulator size and efficiency.
The ADP3170 also uses a unique supplemental regulation tech-
nique called Analog Devices Optimal Positioning Technology
(ADOPT) to enhance load transient performance. Active
voltage positioning results in a dc/dc converter that meets the
stringent output voltage specifications for high performance
processors, with the minimum number of output capacitors and
smallest footprint. Unlike voltage-mode and standard current-
mode architectures, active voltage positioning adjusts the output
voltage as a function of the load current so that it is always
optimally positioned for a system transient. The ADP3170 also
provides accurate and reliable short circuit protection and
adjustable current limiting. It also includes an integrated
overvoltage crowbar function to protect the microprocessor
from destruction in case the core supply exceeds the nominal
programmed voltage by more than 20%.
The ADP3170 contains a 1.8 V linear regulator controller that
is designed to drive an external N-channel MOSFET. This linear
regulator can be used to generate auxiliary voltages (such as 1.8 V
standby power) required in most motherboard designs, and has
been designed to provide a high bandwidth load-transient response.
The ADP3170 is specified over the commercial temperature range
of 0
°C to 70°C and is available in a 20-lead TSSOP package.
ADOPT is a trademark of Analog Devices, Inc.
Pentium is a registered trademark of Intel Corporation


Similar Part No. - ADP3170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
ADP3171JR AD-ADP3171JR Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
ADP3178 AD-ADP3178 Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178 AD-ADP3178 Datasheet
191Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3178JR AD-ADP3178JR Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
More results

Similar Description - ADP3170

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3013 IRF-IRU3013 Datasheet
122Kb / 6P
VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
List of Unclassifed Man...
RT9238 ETC-RT9238 Datasheet
434Kb / 24P
VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
RT9224E ETC1-RT9224E Datasheet
208Kb / 8P
VRM 8.5 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
ON Semiconductor
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
logo
Semtech Corporation
SC1159 SEMTECH-SC1159 Datasheet
333Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
SC2659 SEMTECH-SC2659 Datasheet
339Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
logo
Maxim Integrated Produc...
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
Intersil Corporation
ISL95813 INTERSIL-ISL95813 Datasheet
655Kb / 24P
Single Phase Core Controller for VR12.6
May 15, 2013
logo
Linear Technology
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
VID Voltage Programmer for Intel VRM 8.5
logo
Renesas Technology Corp
ISL95813 RENESAS-ISL95813 Datasheet
226Kb / 2P
Single-Phase Core Controller for VR12.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com