Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices ADP3170 Datasheet HTML 10Page - Analog Devices ADP3170 Datasheet HTML 11Page - Analog Devices ADP3170 Datasheet HTML 12Page - Analog Devices ADP3170 Datasheet HTML 13Page - Analog Devices ADP3170 Datasheet HTML 14Page - Analog Devices ADP3170 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
ADP3170
–11–
R
RR
R
R
kM
k
k
A
T
OGM
B
A
=
==
1
11
1
1
1
888
1
1
1
29 7
12 83
––
.
––
.
.
ΩΩ
Ω
Ω
(13)
Choosing the nearest 1% resistor value gives RA = 12.7 kΩ.
COUT Selection
The required equivalent series resistance (ESR) and capacitance
drive the selection of the type and quantity of the output capaci-
tors. The ESR of the output filter capacitor bank must be equal
to or less than the specified output resistance of the voltage
regulator (3.2 m
Ω). The capacitance must be large enough that
the voltage across the capacitor, which is the sum of the resistive
and capacitive voltage drops, does not move below or above the
initial resistive step while the inductor current ramps up or
down to the value corresponding to the new load current. One
can use, for example, eight ZA series capacitors from Rubycon,
which have a maximum ESR of 24 m
Ω. These eight 1000 µF
capacitors would give an ESR of 3 m
Ω.
As long as the capacitance of the output capacitor is above a
critical value, and the regulating loop is compensated with
Analog Devices’ proprietary compensation technique (ADOPT),
the actual value has no influence on the peak-to-peak deviation
of the output voltage to a full step change in the load current.
The critical capacitance can be calculated as follows:
The equivalent capacitance of the eight ZA series Rubycon
capacitors is 8
× 1 mF = 8 mF. In this case, the total capacitance
is safely above the critical value.
Feedback Loop Compensation Design for ADOPT
Optimized compensation of the ADP3170 allows the best pos-
sible containment of the peak-to-peak output voltage deviation.
The output current slew rate of any practical switching power
converter is inherently limited by the inductor to a value much
less than the slew rate of the load. Therefore, any sudden change
of load current will initially flow through the output capacitors,
and assuming that the capacitance of the output capacitor is
larger than the critical value defined by Equation 14, this will
produce a peak output voltage deviation equal to the ESR of the
output capacitor times the load current change.
The optimal implementation of voltage positioning, ADOPT,
will create an output impedance of the power converter that is
entirely resistive over the widest possible frequency range,
including dc, and equal to the specified dc output resistance.
With the wide-band resistive output impedance the output
voltage will droop in proportion with the load current at any
load current slew rate; this ensures the optimal positioning
and allows the minimization of the output capacitor.
With an ideal current-mode controlled converter, where the
inductor current would respond without delay to the command
signal, the resistive output impedance could be achieved by
having a single-pole roll-off of the voltage gain of the voltage-
error amplifier. The pole frequency must coincide with the ESR
zero of the output capacitor.
The ADP3170 uses peak-current control, which is known to
have a nonideal, frequency-dependent command signal-to-
inductor current transfer function. The frequency dependence
manifests in the form of a pair of complex conjugate poles at
one-half of the switching frequency. A purely resistive output
impedance could be achieved by canceling the complex conju-
gate with zeros at the same complex frequencies and adding a
third pole equal to the ESR zero of the output capacitor. Such a
compensating network would be quite complicated. Fortu-
nately, in practice, it is sufficient to cancel the pair of complex
conjugate poles with a single real zero placed at one-half of the
switching frequency.
Although the end result is not a perfectly resistive output imped-
ance, the remaining frequency dependence causes only a slight
percentage of deviation from the ideal resistive response. The
single-pole and single-zero compensation can be easily imple-
mented by terminating the gm error amplifier with the parallel
combination of a resistor (RT) and a series RC network. The
value of the terminating resistor RT was determined previously;
the capacitance and resistance of the series RC network are
calculated as follows:
C
C
ESR
R
C
mF
m
k
nF
OC
OUT
T
OC
=
×
=
×Ω
Ω
=
83
888
27
.
.
(15)
The closest standard value is 2.7 nF. The series resistance is:
R
Cf
R
nF
kHz
Z
OC
MIN
Z
=
××
=
××
=Ω
2
2
2 7
188
1255
π
π
.
(16)
The nearest standard 5% resistor value is 1.2 k
Ω. Note that this
resistor is only required when COUT approaches CCRIT (within
25% or less). In this example, COUT >> CCRIT, and RZ can
therefore be omitted.
C
I
RV
V
L
C
A
mV
mV
HmF
OUT CRIT
O
OUT
OUT
OUT CRIT
()
()
(–)
.( .
[–
])
.
=
×+
×
=
×+
×=
23
32
18
29
14 06
Ω
µ
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com