Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices ADP3170 Datasheet HTML 10Page - Analog Devices ADP3170 Datasheet HTML 11Page - Analog Devices ADP3170 Datasheet HTML 12Page - Analog Devices ADP3170 Datasheet HTML 13Page - Analog Devices ADP3170 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
ADP3170
–10–
Selecting a Standard Inductor
The companies listed in Table III can provide design consul-
tation and deliver power inductors optimized for high power
applications upon request.
Table III. Power Inductor Manufacturers
Coilcraft
(847) 639-6400
http://www.coilcraft.com
Coiltronics
(561) 752-5000
http://www.coiltronics.com
Sumida Electric Company
(408) 982-9660
http://www.sumida.com
RSENSE
The value of RSENSE is based on the required maximum output
current. The current comparator of the ADP3170 has a minimum
threshold of 69 mV. Note that this minimum value cannot be
used for the maximum specified nominal current, as headroom
is needed for ripple current and transients.
The current comparator threshold sets the peak of the inductor
current yielding a maximum output current, IO(MAX), which
equals the peak value less half of the peak-to-peak ripple current.
Solving for RSENSE allowing a 20% margin for overhead and
using the minimum current sense threshold of 69 mV yields:
R
V
I
I
mV
A
A
m
SENSE
CS TH
MIN
O MAX
RIPPLE
=
+
=
+
=
()(
)
()
.
.
2
69
23
59
2
266
Ω (5)
In this case, 2.5 m
Ω was chosen, assuming two 5 mΩ, 1 W
resistors in parallel (for power dissipation reasons). Once RSENSE
has been chosen, the output current at the point where current
limit is reached, IOUT(CL), can be calculated using the maximum
current sense threshold of 87 mV:
I
V
R
I
I
mV
m
A
A
OUT CL
CS TH
MAX
SENSE
L RIPPLE
OUT CL
()
()(
)
(
)
()
–
.
–
.
.
=
==
2
87
25
59
2
31 6
Ω
(6)
At output voltages below 450 mV, the current sense thresh-
old is reduced to 54 mV, and the ripple current is negligible.
Therefore, the worst-case dead short output current is reduced to:
I
V
R
mV
m
A
OUT SC
CS SC
SENSE
()
()
.
.
==
=
54
25
21 6
Ω
(7)
To safely carry the current under maximum load conditions, the
sense resistor must have a power rating of at least:
PI
R
A
m
W
R
O
SENSE
SENSE
=×
=
×
=
2
2
23
25
133
..
Ω
(8)
Output Resistance
Intel’s VRM 8.5 specification requires that the regulator output
voltage measured at the CPU pins drops when the output cur-
rent increases. The specified voltage drop corresponds to a dc
output resistance of:
R
VV
I
VV
A
m
OUT
ONL
OFL
O
==
=
–.
– .
.
∆
Ω
1 845
1 771
23
32
(9)
The required dc output resistance can be achieved by terminating
the gm amplifier with a resistor. The value of the total termina-
tion resistance that will yield the correct dc output resistance is:
R
nR
gR
m
mmho
m
k
T
I
SENSE
m
OUT
=
×
×
=
×
×
=
25
2 5
22
32
888
.
..
.
Ω
Ω
Ω (10)
where nI is the division ratio from the output voltage signal of the
gm amplifier to the PWM comparator and gm is the trans-
conductance of the gm amplifier itself.
Output Offset
Intel’s VRM 8.5 specification requires that at no load the output
voltage of the regulator module be offset to a higher value than
the nominal voltage corresponding to the VID code. The offset
is introduced by realizing the total termination resistance of the
gm amplifier with a divider connected between the REF pin and
ground. The resistive divider introduces an offset to the output
of the gm amplifier that, when reflected back through the gain
of the gm stage, accurately positions the output voltage near its
allowed maximum at light load. Furthermore, the output of the
gm amplifier sets the current sense threshold voltage. At no load,
the current sense threshold is increased by the peak of the ripple
current in the inductor and reduced by the delay between sens-
ing when the current threshold has been reached and when the
high side MOSFET actually turns off. These two factors are
combined with the inherent voltage (VGNL0), at the output of the
gm amplifier that commands a current sense threshold of 0 mV:
VV
IR
n
VV
L
tR
n
VV
Am
VV
H
ns
m
V
GNL
ONL
L RIPPLE
OUT
I
IN
OUT
D
SENSE
I
GNL
=+
××
××
×
=+
××
××
×
=
()
–
..
–
–.
..
2
1
59
32
25
2
51 8
1
60
2 5
25
1 224
Ω
Ω
µ
(11)
The divider resistors (RA for the upper, and RB for the lower)
can now be calculated assuming that the internal resistance of
the gm amplifier (ROGM) is 130 kΩ:
R
V
VV
R
gV
R
V
VV
k
mmho
mV
k
B
REF
REF
GNL
T
m
B
=
×+
=
×
=
–
–
–.
.
–.
.
3
3
1 224
888
22
45
29 7
Ω
Ω
(12)
Choosing the nearest 1% resistor value gives RB = 30.1 k
Ω.
Finally, RA is calculated:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com