Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 3 Page - Analog Devices

  ADP3170 Datasheet HTML 1Page - Analog Devices ADP3170 Datasheet HTML 2Page - Analog Devices ADP3170 Datasheet HTML 3Page - Analog Devices ADP3170 Datasheet HTML 4Page - Analog Devices ADP3170 Datasheet HTML 5Page - Analog Devices ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
–3–
ADP3170
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
% of Nominal DAC Voltage
74
80
86
%
Undervoltage Hysteresis
% of Nominal DAC Voltage
5
%
Overvoltage Threshold
VPWRGD(OV)
% of Nominal DAC Voltage
114
120
126
%
Overvoltage Reset Point
% of Nominal DAC Voltage
40
50
60
%
Output Voltage Low
VOL(PWRGD)
IPWRGD(SINK) = 1 mA
250
500
mV
Response Time
200
ns
SUPPLY
DC Supply Current
2
ICC
7.5
9.5
mA
UVLO Threshold Voltage
VUVLO
6.75
7
7.25
V
UVLO Hysteresis
0.8
1
1.2
V
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2Dynamic supply current is higher due to the gate charge being delivered to the external MOSFETs.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +15 V
DRVH, DRVL, LRDRV . . . . . . . . . . –0.3 V to VCC + 0.3 V
All Other Inputs & Outputs . . . . . . . . . . . . . . –0.3 V to +10 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 70°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged. Unless otherwise specified, all voltages are referenced
to GND.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3170 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADP3170JRU
0
°C to 70°C
TSSOP
RU-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com